Electronic Components Datasheet Search
  English  ▼

X  

AP1115 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP1115
Description  0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1115 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP1115 Datasheet HTML 1Page - Diodes Incorporated AP1115 Datasheet HTML 2Page - Diodes Incorporated AP1115 Datasheet HTML 3Page - Diodes Incorporated AP1115 Datasheet HTML 4Page - Diodes Incorporated AP1115 Datasheet HTML 5Page - Diodes Incorporated AP1115 Datasheet HTML 6Page - Diodes Incorporated AP1115 Datasheet HTML 7Page - Diodes Incorporated AP1115 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AP1115
Document number: DS31025 Rev. 11 - 2
2 of 8
www.diodes.com
August 2012
© Diodes Incorporated
AP1115
Typical Applications Circuit
C2
100uF
5V
3.3V/0.5A
VIN
VOUT
GND
C1
100uF
AP1115 A (5V/3.3V Fixed Output)
)
1
2
REF
o
R
R
(1
V
V
Note :
GND
AP1115 B (5V/3.3V Fixed Output)
5V
C1
100uF
C2
100uF
3.3V/0.5A
R1
121
R2
121
C2
100uF
5V
2.5V/0.5A
Adj
C1
100uF
VO
AP1115 A (5V/2.5V Adj Output)
R2
121
R1
121
C2
100 uF
5V
2.5V/0.5A
Adj
C1
100uF
VO
AP1115 B (5V/2.5V Adj Output)
Ω
Ω
Ω
Ω
=
+
VIN
VOUT
VOUT
VIN
VOUT
VIN
x
Pin Descriptions
Pin Name
I/O
Function
Adj (GND)
I
A resistor divider from this pin to the VOUT pin and ground sets the output voltage (Ground only for Fixed-
Mode).
VOUT
O
The output of the regulator. A minimum of 10uF capacitor (0.15
Ω ≤ ESR ≤ 20Ω) must be connected from this
pin to ground to insure stability.
VIN
I
The input pin of regulator. Typically a large storage capacitor (0.15
Ω ≤ ESR ≤ 20Ω) is connected from this pin
to ground to insure that the input voltage does not sag below the minimum dropout voltage during the load
transient response. This pin must always be 1.3V higher than VOUT in order for the device to regulate properly.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com