Electronic Components Datasheet Search
  English  ▼

X  

AP1115 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP1115
Description  0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1115 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP1115 Datasheet HTML 1Page - Diodes Incorporated AP1115 Datasheet HTML 2Page - Diodes Incorporated AP1115 Datasheet HTML 3Page - Diodes Incorporated AP1115 Datasheet HTML 4Page - Diodes Incorporated AP1115 Datasheet HTML 5Page - Diodes Incorporated AP1115 Datasheet HTML 6Page - Diodes Incorporated AP1115 Datasheet HTML 7Page - Diodes Incorporated AP1115 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AP1115
Document number: DS31025 Rev. 11 - 2
3 of 8
www.diodes.com
August 2012
© Diodes Incorporated
AP1115
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Rating
Unit
VIN
DC Supply Voltage
-0.3 to +18
V
PD
Power Dissipation
Internally Limited
mW
TST
Storage Temperature
-65 to +150
°C
TMJ
Maximum Junction Temperature
+150
°C
Stresses greater than the 'Absolute Maximum Ratings' specified above, may cause permanent damage to the device. These are stress ratings only; functional
operation of the device at these or any other conditions exceeding those indicated in this specification is not implied. Device reliability may be affected by exposure to
absolute maximum rating conditions for extended periods of time.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
TOP
Operating Junction Temperature Range
0
+125
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Parameter
Conditions
Min
Typ
Max
Unit
Reference Voltage
AP1115-ADJ
TA = +25°C, (VIN - OUT) = 1.5V, IO = 10mA
1.225
1.250
1.275
V
Output Voltage
AP1115-1.5
IOUT = 10mA, TA = +25°C, 3V ≤ VIN ≤ 12V
1.470
1.500
1.530
V
AP1115-1.8
IOUT = 10mA, TA = +25°C, 3.3V ≤ VIN ≤ 12V
1.764
1.800
1.836
V
AP1115-2.5
IOUT = 10mA, TA = +25°C, 4V ≤ VIN ≤ 12V
2.450
2.500
2.550
V
AP1115-2.8
IOUT = 10mA, TA = +25°C, 4.3V ≤ VIN ≤ 12V
2.744
2.800
2.856
V
AP1115-3.0
IOUT = 10mA, TA = +25°C, 4.5V ≤ VIN ≤ 12V
2.940
3.000
3.060
V
AP1115-3.3
IOUT = 10mA, TA = +25°C, 4.8V≤ VIN ≤ 12V
3.235
3.300
3.365
V
AP1115-3.5
IOUT = 10mA, TA = +25°C, 5V ≤ VIN ≤ 12V
3.430
3.500
3.570
V
AP1115-5.0
IOUT = 10mA, TA = +25°C, 6.5V ≤ VIN ≤ 12V
4.900
5.000
5.100
V
Line Regulation
AP1115-XXX
IO = 10mA, VOUT + 1.5V < VIN < 15V, TA = +25°C
—
—
0.2
%
Load Regulation
AP1115-ADJ
VIN = 3.3V, VADJ = 0,0mA < Io < 0.6A,
TA = +25°C (Notes 4 & 5)
—
—
1
%
AP1115-1.5
VIN = 3V, 0mA < Io < 0.6A,TA = +25°C
(Notes 4 & 5)
—
12
15
mV
AP1115-1.8
VIN = 3.3V, 0mA < Io < 0.6A, TA = +25°C
(Notes 4 & 5)
—
15
18
mV
AP1115-2.5
VIN = 4V, 0mA < Io < 0.6A, TA = +25°C
(Notes 4 & 5)
—
20
25
mV
AP1115-2.8
VIN = 4.3V, 0mA < Io < 0.6A, TA = +25°C
(Notes 4 & 5)
—
22
28
mV
AP1115-3.0
VIN = 5V, 0 ≤ IOUT ≤ 0.6A, TA = +25°C
(Notes 4 & 5)
—
23
30
mV
AP1115-3.3
VIN = 5V, 0 ≤ IOUT ≤ 0.6A, TA = +25°C
(Notes 4 & 5)
—
26
33
mV
AP1115-3.5
VIN = 5V, 0 ≤ IOUT ≤ 0.6A, TA = +25°C
(Notes 4 & 5)
—
28
35
mV
AP1115-5.0
VIN = 8V, 0 ≤ IOUT ≤ 0.6A, TA = +25°C
(Notes 4 & 5)
—
40
50
mV
Notes:
4. See thermal regulation specifications for changes in output voltage due to heating effects. Line and load regulation are measured at a constant
junction temperature by low duty cycle pulse testing. Load regulation is measured at the output lead = 1/18” from the package.
5. Line and load regulation are guaranteed up to the maximum power dissipation of 5W. Power dissipation is determined by the input/output differential
and the output current. Guaranteed maximum power dissipation will not be available over the full input/output range.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com