Electronic Components Datasheet Search
  English  ▼

X  

AP1115 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP1115
Description  0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1115 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP1115 Datasheet HTML 1Page - Diodes Incorporated AP1115 Datasheet HTML 2Page - Diodes Incorporated AP1115 Datasheet HTML 3Page - Diodes Incorporated AP1115 Datasheet HTML 4Page - Diodes Incorporated AP1115 Datasheet HTML 5Page - Diodes Incorporated AP1115 Datasheet HTML 6Page - Diodes Incorporated AP1115 Datasheet HTML 7Page - Diodes Incorporated AP1115 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AP1115
Document number: DS31025 Rev. 11 - 2
4 of 8
www.diodes.com
August 2012
© Diodes Incorporated
AP1115
Electrical Characteristics (cont.) (@TA = +25°C, unless otherwise specified.)
Parameter
Conditions
Min
Typ
Max
Unit
Dropout Voltage (VIN-VOUT)
AP1115-ADJ/1.5/1.8
2.5/2.8/3.0/3.3/3.5/5.0
IOUT = 0.6A, ΔVOUT = 1%VOUT
—
1.1
1.3
V
Current Limit
AP1115-ADJ/1.5/1.8
2.5/2.8/3.0/3.3/3.5/5.0
(VIN -VOUT) = 5V
0.7
—
—
A
Minimum Load Current
(Note 6)
AP1115-XXX
0°C
≤ T
J ≤ +125°C
—
5
10
mA
Thermal Regulation
TA = +25°C, 30ms pulse
—
0.008
0.04
%/W
Ripple Rejection
f = 120Hz,COUT = 25µF Tantalum, IOUT = 0.6A
AP1115-XXX
VIN = VOUT +3V
—
60
70
dB
Temperature Stability
IO = 10mA
—
0.6
—
%
θ
JA
Thermal Resistance Junction-to-Ambient
(No heat sink; No air flow) (Note 7)
—
164
—
°C/W
θ
JC
Thermal Resistance Junction-to-Case
Control Circuitry/Power Transistor (Note 7)
—
35
—
°C/W
Notes:
6. Quiescent current is defined as the minimum output current required to maintain regulation. At 12V input/output differential the device is guaranteed to
regulate if the output current is greater than 10mA.
7. Test conditions for SOT89-3L: Device mounted on FR-4 substrate, 2oz copper, with minimum recommended pad layout.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com