Electronic Components Datasheet Search
  English  ▼

X  

EL2125CS Datasheet(PDF) 5 Page - Elantec Semiconductor

Part # EL2125CS
Description  Ultra-low Noise, Low Power, Wideband Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2125CS Datasheet(HTML) 5 Page - Elantec Semiconductor

  EL2125CS Datasheet HTML 1Page - Elantec Semiconductor EL2125CS Datasheet HTML 2Page - Elantec Semiconductor EL2125CS Datasheet HTML 3Page - Elantec Semiconductor EL2125CS Datasheet HTML 4Page - Elantec Semiconductor EL2125CS Datasheet HTML 5Page - Elantec Semiconductor EL2125CS Datasheet HTML 6Page - Elantec Semiconductor EL2125CS Datasheet HTML 7Page - Elantec Semiconductor EL2125CS Datasheet HTML 8Page - Elantec Semiconductor EL2125CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
EL2125C - Preliminary
Ultra-low Noise, Low Power, Wideband Amplifier
Typical Performance Curves
6
Inverting Frequency Response vs Gain
2
-2
-6
-10
-14
0
6
Inverting Frequency Response vs Gain
1M
10M
100M
1G
Frequency (Hz)
-14
AV=-10
RF=350kΩ
AV=-50
RF=1.75kΩ
AV=-20
RF=700kΩ
VS=±5V
RL=500Ω
CL=5pF
1M
10M
100M
1G
Frequency (Hz)
AV=-50
AV=-20
AV=-10
VS=±15V
RL=500Ω
CL=5pF
RG=50Ω
-5
5
Non-Inverting Frequency Response for Various Output
Signal Levels
0
-14
6
Inverting Frequency Response for Various Output Signal
Levels
0
1M
10M
100M
1G
Frequency (Hz)
VS=±5V
AV=10
RF=180Ω
RL= 500Ω
CL=5pF
1VPP
2VPP
4VPP
30mVPP
500mVPP
1VPP
1M
10M
100M
1G
Frequency (Hz)
VS=±5V
AV=-10
RF=350Ω
RL= 500Ω
CL=5pF
2.5VPP
500mVPP
3.3VPP
250mVPP
1VPP
3mVPP
5
Non-Inverting Frequency Response for Various CL
3
1
-1
-3
0
5
Non-Inverting Frequency Response for Various CL
-5
1M
10M
100M
1G
Frequency (Hz)
VS=±5V
AV=10
RF=180Ω
RL=500Ω
CL=28.5pF
CL=16pF
CL=5pF
CL=1pF
-5
1M
10M
100M
1G
Frequency (Hz)
VS=±5V
AV=10
RF=700Ω
RL=500Ω
CL=17pF
CL=11pF
CL=1.2pF
CL=5pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com