Electronic Components Datasheet Search
  English  ▼

X  

EL2125CS Datasheet(PDF) 6 Page - Elantec Semiconductor

Part # EL2125CS
Description  Ultra-low Noise, Low Power, Wideband Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2125CS Datasheet(HTML) 6 Page - Elantec Semiconductor

Back Button EL2125CS Datasheet HTML 2Page - Elantec Semiconductor EL2125CS Datasheet HTML 3Page - Elantec Semiconductor EL2125CS Datasheet HTML 4Page - Elantec Semiconductor EL2125CS Datasheet HTML 5Page - Elantec Semiconductor EL2125CS Datasheet HTML 6Page - Elantec Semiconductor EL2125CS Datasheet HTML 7Page - Elantec Semiconductor EL2125CS Datasheet HTML 8Page - Elantec Semiconductor EL2125CS Datasheet HTML 9Page - Elantec Semiconductor EL2125CS Datasheet HTML 10Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
EL2125C - Preliminary
Ultra-low Noise, Low Power, Wideband Amplifier
Typical Performance Curves
6
Inverting Frequency Response for Various CL
0
6
Inverting Frequency Response for Various CL
2
-2
-6
-10
1M
10M
100M
1G
Frequency (Hz)
-14
CL=29.4pF
CL=16.4pF
CL=11.4pF
CL=5.1pF
CL=1.2pF
VS=±5V
AV=10
RF=350Ω
RL=500Ω
-14
1M
10M
100M
1G
Frequency (Hz)
CL=29.4pF
CL=16.4pF
CL=11.4pF
CL=5.1pF
CL=1.2pF
VS=±15V
AV=10
RF=500Ω
RL=500Ω
0
40
20
10k
Open Loop Gain and Phase
10M
60
80
100
100k
100M
Frequency (Hz)
1M
-250
-50
-150
50
150
250
0
0
Supply Voltage (±V)
Supply Current vs Supply Voltage
4.8
12
2.4
3
12
15
9.6
7.2
6
9
Peaking vs Supply Voltage
3
2.5
2
1.5
1
0.5
0
2
4
6
8
10
12
14
16
VS (±V)
AV=10
AV=-10
AV=50
AV=-50
AV=20
AV=-20
3dB Bandwidth vs Supply Voltage
250
200
150
100
50
0
2
4
6
8
10
12
14
16
VS (±V)
AV=10
AV=-10
AV=50
AV=-50
AV=20
AV=-20
400M



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com