Electronic Components Datasheet Search
  English  ▼

X  

EL2125CS Datasheet(PDF) 7 Page - Elantec Semiconductor

Part # EL2125CS
Description  Ultra-low Noise, Low Power, Wideband Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2125CS Datasheet(HTML) 7 Page - Elantec Semiconductor

Back Button EL2125CS Datasheet HTML 2Page - Elantec Semiconductor EL2125CS Datasheet HTML 3Page - Elantec Semiconductor EL2125CS Datasheet HTML 4Page - Elantec Semiconductor EL2125CS Datasheet HTML 5Page - Elantec Semiconductor EL2125CS Datasheet HTML 6Page - Elantec Semiconductor EL2125CS Datasheet HTML 7Page - Elantec Semiconductor EL2125CS Datasheet HTML 8Page - Elantec Semiconductor EL2125CS Datasheet HTML 9Page - Elantec Semiconductor EL2125CS Datasheet HTML 10Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
EL2125C - Preliminary
Ultra-low Noise, Low Power, Wideband Amplifier
Typical Performance Curves
10ns/div
Small Signal Step Response
Small Signal Step Response
VINx2
VO
VS=±5V
RL=500Ω
RF=180Ω
AV=10
CL=5pF
10ns/div
VINx2
VO
VS=±15V
RL=500Ω
RF=180Ω
AV=10
CL=5pF
Time (20ns/div)
Large-Signal Step Response
VS=±5V
RL=500Ω
RF=180Ω
AV=10
CL=5pF
Time (20ns/div)
Large-Signal Step Response
VS=±15V
RL=500Ω
RF=180Ω
AV=10
CL=5pF
1MHz Harmonic Distortion vs Output Swing
-40
-50
-60
-70
-90
-100
-110
0
6
7
VOUT (VPP)
1MHz Harmonic Distortion vs Output Swing
-30
-40
-60
-80
-90
-100
-110
0
5
25
VOUT (VPP)
4
5
2
3
1
-80
VS=±5V
RF=180Ω
AV=10
RL=500Ω
2nd H
3rd H
VS=±15V
RF=180Ω
AV=10
RL=500Ω
10
15
20
-50
-70
2nd H
3rd H



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com