Electronic Components Datasheet Search
  English  ▼

X  

EL2157CS Datasheet(PDF) 17 Page - Elantec Semiconductor

Part # EL2157CS
Description  125 MHz Single Supply, Clamping Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2157CS Datasheet(HTML) 17 Page - Elantec Semiconductor

Back Button EL2157CS Datasheet HTML 12Page - Elantec Semiconductor EL2157CS Datasheet HTML 13Page - Elantec Semiconductor EL2157CS Datasheet HTML 14Page - Elantec Semiconductor EL2157CS Datasheet HTML 15Page - Elantec Semiconductor EL2157CS Datasheet HTML 16Page - Elantec Semiconductor EL2157CS Datasheet HTML 17Page - Elantec Semiconductor EL2157CS Datasheet HTML 18Page - Elantec Semiconductor EL2157CS Datasheet HTML 19Page - Elantec Semiconductor EL2157CS Datasheet HTML 20Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
EL2150CEL2157C
125 MHz Single Supply Clamping Op Amps
Applications Information
Contd
The maximum power dissipation allowed in a
package is determined according to 1
PDMAX e
TJMAX–TAMAX
iJA
1
where
TJMAX e Maximum Junction Temperature
TAMAX e Maximum Ambient Temperature
iJA e Thermal Resistance of the Package
PDMAX e Maximum Power Dissipation in the
Package
The maximum power dissipation actually pro-
duced by an IC is the total quiescent supply cur-
rent times the total power supply voltage plus
the power in the IC due to the load or 2
PDMAX e VS ISMAXa(VS–VOUT)
VOUT
RL
2
where
VS e Total Supply Voltage
ISMAX e Maximum Supply Current
VOUT e Maximum Output Voltage of the Appli-
cation
RL e Load Resistance tied to Ground
If we set the two PDMAX equations
1
2
equal to each other and solve for VS we can get a
family of curves for various loads and output
voltages according to 3
VS e
RL (TJMAX b TAMAX)
iJA
a
(VOUT)2
(IS RL) a VOUT
3
Figures 11 through 13 show total single supply
voltage VS vs RL for various output voltage
swings for the PDIP and SOIC packages The
curves assume WORST CASE conditions of TA
ea
85 C and IS e 65 mA
VOUT (PDIP Package)
vs RLOAD for Various
Single Supply Voltage
2150 – 69
Figure 11
VOUT (SO Package)
vs RLOAD for Various
Single Supply Voltage
2150 – 70
Figure 12
VOUT (SOT23-5 Package)
vs RLOAD for Various
Single Supply Voltage
2150 – 73
Figure 13
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com