Electronic Components Datasheet Search
  English  ▼

X  

EL2157CS Datasheet(PDF) 18 Page - Elantec Semiconductor

Part # EL2157CS
Description  125 MHz Single Supply, Clamping Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2157CS Datasheet(HTML) 18 Page - Elantec Semiconductor

Back Button EL2157CS Datasheet HTML 12Page - Elantec Semiconductor EL2157CS Datasheet HTML 13Page - Elantec Semiconductor EL2157CS Datasheet HTML 14Page - Elantec Semiconductor EL2157CS Datasheet HTML 15Page - Elantec Semiconductor EL2157CS Datasheet HTML 16Page - Elantec Semiconductor EL2157CS Datasheet HTML 17Page - Elantec Semiconductor EL2157CS Datasheet HTML 18Page - Elantec Semiconductor EL2157CS Datasheet HTML 19Page - Elantec Semiconductor EL2157CS Datasheet HTML 20Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
EL2150CEL2157C
125 MHz Single Supply Clamping Op Amps
Applications Information
Contd
EL2157C Macromodel
Revision A July 1995
Output Stage
Clamp
When not being used the clamp pin pin 1
should be connected to aVsupply pin 7
i3 20 4 10mA
Connections
a
input
q3 7 23 20 qn
q471819qn
l
b
input
q571821qn
ll
a
Vsupply
q642022qp
lll
b
Vsupply
q772318qn
llll
output
d1 19 20 da
lllll
clamp
d2 18 1 da
llllll
r8 21 6 2
subckt EL2157el
3
2
7
4
6
1
r9 22 6 2
r10 18 21 10k
Input Stage
r11 7 23 100k
d3 23 24 da
i1 7 10 250uA
d4 24 4 da
i2 7 11 250uA
d5 23 18 da
r1 10 11 4k
q1 12210qp
Power Supply Current
q2 13 3 11 qpa
r2 12 4 100
ips 7 4 32mA
r3 13 4 100
Models
Second Stage
Compensation
model qn npn(ise800e-18 bfe150 tfe002nS)
gm 15 4 13 12 46m
model qpa pnp(ise810e-18 bfe50 tfe002nS)
r4 15 4 15Meg
model qp pnp(ise800e-18 bfe54 tfe002nS)
c1 15 4 036pF
model da d(tte0nS)
ends
Poles
e1 17 4 15 4 10
r6 17 25 400
c3 25 4 1pF
r7 25 18 500
c4 18 4 1pF
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com