Electronic Components Datasheet Search
  English  ▼

X  

EL2286CS Datasheet(PDF) 7 Page - Elantec Semiconductor

Part # EL2286CS
Description  250MHz/3mA Current Mode Feedback Amp w/Disable
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2286CS Datasheet(HTML) 7 Page - Elantec Semiconductor

Back Button EL2286CS Datasheet HTML 3Page - Elantec Semiconductor EL2286CS Datasheet HTML 4Page - Elantec Semiconductor EL2286CS Datasheet HTML 5Page - Elantec Semiconductor EL2286CS Datasheet HTML 6Page - Elantec Semiconductor EL2286CS Datasheet HTML 7Page - Elantec Semiconductor EL2286CS Datasheet HTML 8Page - Elantec Semiconductor EL2286CS Datasheet HTML 9Page - Elantec Semiconductor EL2286CS Datasheet HTML 10Page - Elantec Semiconductor EL2286CS Datasheet HTML 11Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
EL2186C, EL2286C
250MHz/3mA Current Mode Feedback Amp w/Disable
Input Bias Current
vs Die Temperature
Short-Circuit Current
vs Die Temperature
Transimpedance (ROL)
vs Die Temperature
-3dB Bandwidth and Peaking
vs Die Temperature for
Various Non-Inverting Gains
-3dB Bandwidth vs
Die Temperature for
Various Inverting Gains
Input Offset Voltage
vs Die Temperature
Supply Current vs
Die Temperature
Input Voltage Range
vs Die Temperature
Slew Rate vs
Die Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com