Electronic Components Datasheet Search
  English  ▼

X  

EL2286CS Datasheet(PDF) 3 Page - Elantec Semiconductor

Part # EL2286CS
Description  250MHz/3mA Current Mode Feedback Amp w/Disable
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2286CS Datasheet(HTML) 3 Page - Elantec Semiconductor

  EL2286CS Datasheet HTML 1Page - Elantec Semiconductor EL2286CS Datasheet HTML 2Page - Elantec Semiconductor EL2286CS Datasheet HTML 3Page - Elantec Semiconductor EL2286CS Datasheet HTML 4Page - Elantec Semiconductor EL2286CS Datasheet HTML 5Page - Elantec Semiconductor EL2286CS Datasheet HTML 6Page - Elantec Semiconductor EL2286CS Datasheet HTML 7Page - Elantec Semiconductor EL2286CS Datasheet HTML 8Page - Elantec Semiconductor EL2286CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
EL2186C, EL2286C
250MHz/3mA Current Mode Feedback Amp w/Disable
Test Circuit (per Amplifier)
AC Electrical Characteristics
VS = ±5V, RF = RG = 750Ω, RL = 150Ω, ENABLE = 0V, TA = 25°C unless otherwise specified
Parameter
Description
Conditions
Min
Typ
Max
Unit
-3dB BW
-3dB Bandwidth
AV = +1
250
MHz
-3dB BW
-3dB Bandwidth
AV = +2
180
MHz
0.1dB BW
0.1dB Bandwidth
AV = +2
50
MHz
SR
Slew Rate
VOUT = ±2.5V, AV = +2
600
1200
V/µs
tr, tf
Rise and Fall Time
VOUT = ±500 mV
1.5
ns
tpd
Propagation Delay
VOUT = ±500 mV
1.5
ns
OS
Overshoot
VOUT = ±500 mV
3.0
%
ts
0.1% Settling
VOUT = ±2.5V, AV = -1
15
ns
dG
Differential Gain
AV = +2, RL = 150Ω [1]
0.05
%
dP
Differential Phase
AV = +2, RL = 150Ω [1]
0.05
dG
Differential Gain
AV = +1, RL = 500Ω [1]
0.01
%
dP
Differential Phase
AV = +1, RL = 500Ω [1]
0.01
°
tON
Turn-On Time
AV = +2, VIN = +1V, RL = 150Ω [2]
40
100
ns
tOFF
Turn-Off Time
AV = +2, VIN = +1V, RL = 150Ω [2]
1500
2000
ns
CS
Channel Separation
EL2286C only, f = 5MHz
85
dB
1. DC offset from 0V to 0.714V, AC amplitude 286mVP-P, f = 3.58MHz.
2. Measured from the application of the logic signal until the output voltage is at the 50% point between initial and final values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com