Electronic Components Datasheet Search
  English  ▼

X  

EL2286CS Datasheet(PDF) 8 Page - Elantec Semiconductor

Part # EL2286CS
Description  250MHz/3mA Current Mode Feedback Amp w/Disable
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2286CS Datasheet(HTML) 8 Page - Elantec Semiconductor

Back Button EL2286CS Datasheet HTML 4Page - Elantec Semiconductor EL2286CS Datasheet HTML 5Page - Elantec Semiconductor EL2286CS Datasheet HTML 6Page - Elantec Semiconductor EL2286CS Datasheet HTML 7Page - Elantec Semiconductor EL2286CS Datasheet HTML 8Page - Elantec Semiconductor EL2286CS Datasheet HTML 9Page - Elantec Semiconductor EL2286CS Datasheet HTML 10Page - Elantec Semiconductor EL2286CS Datasheet HTML 11Page - Elantec Semiconductor EL2286CS Datasheet HTML 12Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
EL2186C, EL2286C
250MHz/3mA Current Mode Feedback Amp w/Disable
Differential Gain and
Phase vs DC Input
Voltage at 3.58MHz
Differential Gain and
Phase vs DC Input
Voltage at 3.58MHz
Settling Time vs
Settling Accuracy
Small-Signal Step Response
Large-Signal Step Response
8-Pin Plastic DIP
Maximum Power Dissipation
vs Ambient Temperature
8-Lead SO
Maximum Power Dissipation
vs Ambient Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com