Electronic Components Datasheet Search
  English  ▼

X  

EL2227CS Datasheet(PDF) 5 Page - Elantec Semiconductor

Part # EL2227CS
Description  Dual Very Low Noise Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2227CS Datasheet(HTML) 5 Page - Elantec Semiconductor

  EL2227CS Datasheet HTML 1Page - Elantec Semiconductor EL2227CS Datasheet HTML 2Page - Elantec Semiconductor EL2227CS Datasheet HTML 3Page - Elantec Semiconductor EL2227CS Datasheet HTML 4Page - Elantec Semiconductor EL2227CS Datasheet HTML 5Page - Elantec Semiconductor EL2227CS Datasheet HTML 6Page - Elantec Semiconductor EL2227CS Datasheet HTML 7Page - Elantec Semiconductor EL2227CS Datasheet HTML 8Page - Elantec Semiconductor EL2227CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
EL2227C
Dual Very Low Noise Amplifier
Typical Performance Curves
Non-inverting Frequency Response for Various
Input Signal Levels
4
3
2
1
0
-1
-2
-3
-4
-5
-6
100k
1M
10M
Frequency (Hz)
100M
VS=±12V
RF=350Ω
AV=+2
RL=500Ω
VIN=500mVPP
VIN=100mVPP
VIN=20mVPP
VIN=1VPP
VIN=2VPP
Inverting Frequency Response for Various Input
Signal Levels
4
3
2
1
0
-1
-2
-3
-4
-5
-6
1M
10M
100M
Frequency (Hz)
200M
Non-inverting Frequency Response for Various RL
4
3
2
1
0
-1
-2
-3
-4
-5
-6
1M
10M
100M
Frequency (Hz)
200M
Inverting Frequency Response for Various CL
4
3
2
1
0
-1
-2
-3
-4
-5
-6
1M
10M
100M
Frequency (Hz)
200M
Non-inverting Frequency Response for Various CL
5
4
3
2
1
0
-1
-2
-3
-4
-5
1M
10M
100M
Frequency (Hz)
200M
RL=50Ω
RL=100Ω
RL=500Ω
VS=±12V
RF=620Ω
RL=500Ω
AV=+2
VS=±12V
RF=420Ω
RL=500Ω
AV=-1
VIN=20mVPP
VIN=280mVPP
VIN=1.4VPP
VIN=2.8VPP
VS=±12V
RF=620Ω
CL=15pF
AV=+2
CL=30pF
CL=12pF
CL=2pF
VS=±12V
RF=420Ω
RL=500Ω
AV=-1
CL=30pF
CL=12pF
CL=2pF
Frequency Response for Various Output DC
Levels
4
3
2
1
0
-1
-2
-3
-4
-5
-6
100k
1M
10M
Frequency (Hz)
VS=±12V
RF=620Ω
RL=500Ω
AV=+2
VO=+10V
VO=-10V
VO=+5V
VO=0V
VO=-5V
100M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com