Electronic Components Datasheet Search
  English  ▼

X  

EL2227CS Datasheet(PDF) 12 Page - Elantec Semiconductor

Part # EL2227CS
Description  Dual Very Low Noise Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2227CS Datasheet(HTML) 12 Page - Elantec Semiconductor

Back Button EL2227CS Datasheet HTML 7Page - Elantec Semiconductor EL2227CS Datasheet HTML 8Page - Elantec Semiconductor EL2227CS Datasheet HTML 9Page - Elantec Semiconductor EL2227CS Datasheet HTML 10Page - Elantec Semiconductor EL2227CS Datasheet HTML 11Page - Elantec Semiconductor EL2227CS Datasheet HTML 12Page - Elantec Semiconductor EL2227CS Datasheet HTML 13Page - Elantec Semiconductor EL2227CS Datasheet HTML 14Page - Elantec Semiconductor EL2227CS Datasheet HTML 15Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
12
EL2227C
Dual Very Low Noise Amplifier
Applications Information
Product Description
The EL2227C is a dual voltage feedback operational
amplifier designed especially for DMT ADSL and other
applications requiring very low voltage and current
noise. It also features low distortion while drawing mod-
erately low supply current and is built on Elantec's
proprietary high-speed complementary bipolar process.
The EL2227C use a classical voltage-feedback topology
which allows them to be used in a variety of applications
where current-feedback amplifiers are not appropriate
because of restrictions placed upon the feedback ele-
ment used with the amplifier. The conventional topology
of the EL2227C allows, for example, a capacitor to be
placed in the feedback path, making it an excellent
choice for applications such as active filters, sample-
and-holds, or integrators.
ADSL CPE Applications
The low noise EL2227C amplifier is specifically
designed for the dual differential receiver amplifier
function with ADSL transceiver hybrids as well as other
low-noise amplifier applications. A typical ADSL CPE
line interface circuit is shown in Figure 1. The EL2227C
is used in receiving DMT down stream signal. With
careful transceiver hybrid design and the EL2227C
1.9nV/
√Hz voltage noise and 1.2pA/√Hz current noise
performance, -140dBm/Hz system background noise
performance can be easily achieved.
Figure 1. Typical Line Interface Connection
-
+
-
+
-
+
-
+
Receive
Out -
Receive
Out +
Driver
Input
RG
RF
RF
RF
R
RIN
R
RIN
RF
ROUT
ROUT
Line +
Line -
Receive
Amplifiers
ZLINE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com