Electronic Components Datasheet Search
  English  ▼

X  

EL2227CS Datasheet(PDF) 10 Page - Elantec Semiconductor

Part # EL2227CS
Description  Dual Very Low Noise Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2227CS Datasheet(HTML) 10 Page - Elantec Semiconductor

Back Button EL2227CS Datasheet HTML 6Page - Elantec Semiconductor EL2227CS Datasheet HTML 7Page - Elantec Semiconductor EL2227CS Datasheet HTML 8Page - Elantec Semiconductor EL2227CS Datasheet HTML 9Page - Elantec Semiconductor EL2227CS Datasheet HTML 10Page - Elantec Semiconductor EL2227CS Datasheet HTML 11Page - Elantec Semiconductor EL2227CS Datasheet HTML 12Page - Elantec Semiconductor EL2227CS Datasheet HTML 13Page - Elantec Semiconductor EL2227CS Datasheet HTML 14Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
10
EL2227C
Dual Very Low Noise Amplifier
Typical Performance Curves
Package Power Dissipation vs Ambient Temp.
JEDEC JESD51-3 Low Effective Thermal Conductivity Test Board
0.9
0.8
0.6
0.4
0.2
0
0
100
Ambient Temperature (°C)
150
25
125
75
50
0.7
0.5
0.3
0.1
85
781mW
607mW
θ
JA=16
0°C
/W
θ
JA=206
°C/W
SO
8
MSO
P8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com