Electronic Components Datasheet Search
  English  ▼

X  

EL2250CS Datasheet(PDF) 4 Page - Elantec Semiconductor

Part # EL2250CS
Description  125MHz Single Supply Dual/Quad Op Amps
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2250CS Datasheet(HTML) 4 Page - Elantec Semiconductor

  EL2250CS Datasheet HTML 1Page - Elantec Semiconductor EL2250CS Datasheet HTML 2Page - Elantec Semiconductor EL2250CS Datasheet HTML 3Page - Elantec Semiconductor EL2250CS Datasheet HTML 4Page - Elantec Semiconductor EL2250CS Datasheet HTML 5Page - Elantec Semiconductor EL2250CS Datasheet HTML 6Page - Elantec Semiconductor EL2250CS Datasheet HTML 7Page - Elantec Semiconductor EL2250CS Datasheet HTML 8Page - Elantec Semiconductor EL2250CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
EL2250C, EL2450C
125MHz Single Supply Dual/Quad Op Amps
Typical Performance Curves
Non-Inverting Frequency Response
(Gain)
Non-Inverting Frequency Response
(Phase)
3dB Bandwidth vs Temperature for Non-
Inverting Gains
3dB Bandwidth vs Temperature for
Inverting Gains
Inverting Frequency Response (Phase)
Inverting Frequency Response (Gain)
Frequency Response for Various RL
Frequency Response for Various CL
Non-Inverting Frequency Response vs
Common Mode Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com