Electronic Components Datasheet Search
  English  ▼

X  

EL2250CS Datasheet(PDF) 1 Page - Elantec Semiconductor

Part # EL2250CS
Description  125MHz Single Supply Dual/Quad Op Amps
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2250CS Datasheet(HTML) 1 Page - Elantec Semiconductor

  EL2250CS Datasheet HTML 1Page - Elantec Semiconductor EL2250CS Datasheet HTML 2Page - Elantec Semiconductor EL2250CS Datasheet HTML 3Page - Elantec Semiconductor EL2250CS Datasheet HTML 4Page - Elantec Semiconductor EL2250CS Datasheet HTML 5Page - Elantec Semiconductor EL2250CS Datasheet HTML 6Page - Elantec Semiconductor EL2250CS Datasheet HTML 7Page - Elantec Semiconductor EL2250CS Datasheet HTML 8Page - Elantec Semiconductor EL2250CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Note: All information contained in this data sheet has been carefully checked and is believed to be accurate as of the date of publication; however, this data sheet cannot be a “controlled document”. Current revisions, if any, to these
specifications are maintained at the factory and are available upon your request. We recommend checking the revision level before finalization of your design documentation.
© 2001 Elantec Semiconductor, Inc.
General Description
The EL2250C/EL2450C are part of a family of the electronics indus-
tries fastest single supply op amps available. Prior single supply op
amps have generally been limited to bandwidths and slew rates to that
of the EL2250C/EL2450C. The 125MHz bandwidth, 275V/µs slew
rate, and 0.05%/0.05° differential gain/differential phase makes this
part ideal for single or dual supply video speed applications. With its
voltage feedback architecture, this amplifier can accept reactive feed-
back networks, allowing them to be used in analog filtering
applications. The inputs can sense signals below the bottom supply
rail and as high as 1.2V below the top rail. Connecting the load resistor
to ground and operating from a single supply, the outputs swing com-
pletely to ground without saturating. The outputs can also drive to
within 1.2V of the top rail. The EL2250C/EL2450C will output
±100mA and will operate with single supply voltages as low as 2.7V,
making them ideal for portable, low power applications.
The EL2250C/EL2450C are available in PDIP and SO packages in
industry standard pin outs. Both parts operate over the industrial tem-
perature range of -40°C to +85°C, and are part of a family of single
supply op amps. For single amplifier applications, see the
EL2150C/EL2157C. For dual and triple amplifiers with power down
and output voltage clamps, see the EL2257C/EL2357C.
Connection Diagrams
1
2
3
4
8
7
6
5
1
2
3
4
14
13
12
11
5
6
7
10
9
8
EL2250C
(8-Pin SO & 8-Pin PDIP)
EL2450C
(14-Pin SO & 14-Pin PDIP)
-
+
-
+
A
B
OUTA
INA-
INA+
GND
VS+
OUTB
INB-
INB+
OUTA
INA-
INA+
VS+
OUTD
IND-
IND+
GND
INB+
INB-
OUTB
INC+
INC-
OUTC
- +
-
+
- +
-
+
B
C
A
D
Features
• Specified for +3V, +5V, or ±5V
applications
• Large input common mode range
0V < VCM < VS -1.2V
• Output swings to ground without
saturating
• -3dB bandwidth = 125MHz
• ± 0.1dB bandwidth = 30MHz
• Low supply current = 5mA (per
amplifier)
• Slew rate = 275V/µs
• Low offset voltage = 4mV max
• Output current = ±100mA
• High open loop gain = 80dB
• Differential gain = 0.05%
• Differential phase = 0.05°
Applications
• Video amplifiers
• PCMCIA applications
• A/D drivers
• Line drivers
• Portable computers
• High speed communications
• RGB printers, FAX, scanners
• Broadcast equipment
• Active filtering
Ordering Information
Part No
Package
Tape & Reel
Outline #
EL2250CN
8-Pin PDIP
-
MDP0031
EL2250CS
8-Pin SO
-
MDP0027
EL2250CS-T7
8-Pin SO
7”
MDP0027
EL2250CS-T13
8-Pin SO
13”
MDP0027
EL2450CN
14-Pin PDIP
-
MDP0031
EL2450CS
14-Pin SO
-
MDP0027
EL2450CS-T7
14-Pin SO
7”
MDP0027
EL2450CS-T13
14-Pin SO
13”
MDP0027
EL2250C, EL2450C
125MHz Single Supply Dual/Quad Op Amps


Similar Part No. - EL2250CS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2250CS INTERSIL-EL2250CS Datasheet
419Kb / 15P
125MHz Single Supply Dual/Quad Op Amps
June 7, 2005
EL2250CS INTERSIL-EL2250CS Datasheet
362Kb / 15P
125MHz Single Supply Dual/Quad Op Amps
logo
Renesas Technology Corp
EL2250CS RENESAS-EL2250CS Datasheet
952Kb / 15P
125MHz Single Supply Dual/Quad Op Amps
logo
Intersil Corporation
EL2250CS-T13 INTERSIL-EL2250CS-T13 Datasheet
419Kb / 15P
125MHz Single Supply Dual/Quad Op Amps
June 7, 2005
EL2250CS-T13 INTERSIL-EL2250CS-T13 Datasheet
362Kb / 15P
125MHz Single Supply Dual/Quad Op Amps
More results

Similar Description - EL2250CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1078 LINER-LT1078 Datasheet
514Kb / 20P
Micropower, Dual and Quad, Single Supply, Precision Op Amps
logo
Maxim Integrated Produc...
MAX473 MAXIM-MAX473 Datasheet
144Kb / 12P
Single/Dual/Quad, 10MHz Single-Supply Op Amps
Rev 1; 3/95
logo
Intersil Corporation
EL2150 INTERSIL-EL2150 Datasheet
620Kb / 19P
125MHz Single Supply, Clamping Op Amps
March 12, 2004
EL2450 INTERSIL-EL2450 Datasheet
419Kb / 15P
125MHz Single Supply Dual/Quad Op Amps
June 7, 2005
EL2250 INTERSIL-EL2250_06 Datasheet
362Kb / 15P
125MHz Single Supply Dual/Quad Op Amps
logo
Maxim Integrated Produc...
MAX406 MAXIM-MAX406_08 Datasheet
6Mb / 17P
1.2μA Max, Single/Dual/Quad, Single-Supply Op Amps
Rev 3; 10/08
MAX406 MAXIM-MAX406_09 Datasheet
7Mb / 16P
Single/Dual/Quad, Single-Supply Op Amps
Rev 4; 4/09
logo
Linear Dimensions Semic...
LT2079CS LINEAR_DIMENSIONS-LT2079CS Datasheet
345Kb / 16P
Micropower, Dual and Quad, Single Supply, Precision Op Amps
logo
Maxim Integrated Produc...
MAX44241 MAXIM-MAX44241 Datasheet
961Kb / 13P
Single/Quad/Dual Op Amps
Rev 5; 1/14
logo
Renesas Technology Corp
EL2250 RENESAS-EL2250 Datasheet
952Kb / 15P
125MHz Single Supply Dual/Quad Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com