Electronic Components Datasheet Search
  English  ▼

X  

EL2250CS Datasheet(PDF) 7 Page - Elantec Semiconductor

Part # EL2250CS
Description  125MHz Single Supply Dual/Quad Op Amps
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2250CS Datasheet(HTML) 7 Page - Elantec Semiconductor

Back Button EL2250CS Datasheet HTML 3Page - Elantec Semiconductor EL2250CS Datasheet HTML 4Page - Elantec Semiconductor EL2250CS Datasheet HTML 5Page - Elantec Semiconductor EL2250CS Datasheet HTML 6Page - Elantec Semiconductor EL2250CS Datasheet HTML 7Page - Elantec Semiconductor EL2250CS Datasheet HTML 8Page - Elantec Semiconductor EL2250CS Datasheet HTML 9Page - Elantec Semiconductor EL2250CS Datasheet HTML 10Page - Elantec Semiconductor EL2250CS Datasheet HTML 11Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
7
EL2250C, EL2450C
125MHz Single Supply Dual/Quad Op Amps
Differential Gain for
Single Supply Operation
Differential Phase for
Single Supply Operation
Differential Gain and Phase
for Dual Supply Operation
2nd and 3rd Harmonic Distortion vs
Frequency
2nd and 3rd Harmonic Distortion vs
Frequency
2nd and 3rd Harmonic Distortion vs
Frequency
Output Voltage Swing vs Frequency for
THD < 0.1%
Output Voltage Swing vs Frequency for
Unlimited Distortion
Output Current vs Die Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com