Electronic Components Datasheet Search
  English  ▼

X  

EL4450CS Datasheet(PDF) 4 Page - Elantec Semiconductor

Part # EL4450CS
Description  Wideband Four-Quadrant Multiplier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL4450CS Datasheet(HTML) 4 Page - Elantec Semiconductor

  EL4450CS Datasheet HTML 1Page - Elantec Semiconductor EL4450CS Datasheet HTML 2Page - Elantec Semiconductor EL4450CS Datasheet HTML 3Page - Elantec Semiconductor EL4450CS Datasheet HTML 4Page - Elantec Semiconductor EL4450CS Datasheet HTML 5Page - Elantec Semiconductor EL4450CS Datasheet HTML 6Page - Elantec Semiconductor EL4450CS Datasheet HTML 7Page - Elantec Semiconductor EL4450CS Datasheet HTML 8Page - Elantec Semiconductor EL4450CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
EL4450C
Wideband Four-Quadrant Multiplier
Frequency Response
for Various Feedback
Divider Ratios
Frequency Response
for Various RL, CL
VS = ±5V
Frequency Response
for Various RL, CL
VS = ±15V
X Input Frequency Response
for Various Y DC Inputs
Y Input Frequency Response
for Various X DC Inputs
-3 dB Bandwidth
and Peaking
vs Supply Voltage
Change in Bandwidth
and Peaking vs Temperature
Total Harmonic Distortion
of X Input vs Frequency
Total Harmonic Distortion
of Y Input vs Frequency
D44450B.fm Page 4 Tuesday, April 21, 1998 9:51 AM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com