Electronic Components Datasheet Search
  English  ▼

X  

EL4450CS Datasheet(PDF) 1 Page - Elantec Semiconductor

Part # EL4450CS
Description  Wideband Four-Quadrant Multiplier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL4450CS Datasheet(HTML) 1 Page - Elantec Semiconductor

  EL4450CS Datasheet HTML 1Page - Elantec Semiconductor EL4450CS Datasheet HTML 2Page - Elantec Semiconductor EL4450CS Datasheet HTML 3Page - Elantec Semiconductor EL4450CS Datasheet HTML 4Page - Elantec Semiconductor EL4450CS Datasheet HTML 5Page - Elantec Semiconductor EL4450CS Datasheet HTML 6Page - Elantec Semiconductor EL4450CS Datasheet HTML 7Page - Elantec Semiconductor EL4450CS Datasheet HTML 8Page - Elantec Semiconductor EL4450CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© 1995 Elantec, Inc.
General Description
The EL4450C is a complete four-quadrant multiplier circuit. It offers
wide bandwidth and good linearity while including a powerful output
voltage amplifier, drawing modest supply current.
The EL4450C operates on ±5V supplies and has an analog input range
of ±2V, making it ideal for video signal processing. AC characteristics
do not vary over the ±5V to ±15V supply range.
The multiplier has an operational temperature range of -40°C to
+85°C and are packaged in plastic 14-pin P-DIP and SO.
Connection Diagrams
Features
• Complete four-quadrant multiplier
with output amp—requires no
extra components
• Good linearity of 0.3%
• 90 MHz bandwidth for both X and
Y inputs
• Operates on ±5V to ±15V supplies
• All inputs are differential
• 400V/µs slew rate
Applications
• Modulation/Demodulation
• RMS computation
• Real-time power computation
• Nonlinearity correction/generation
Ordering Information
Part No.
Temp. Range
Package
Outline #
EL4450CN
-40°C to +85°C
14-Pin P-DIP
MDP0031
EL4450CS
-40°C to +85°C
14-Lead SO
MDP0027
EL4450C
Wideband Four-Quadrant Multiplier
D44450B.fm Page 1 Tuesday, April 21, 1998 9:51 AM


Similar Part No. - EL4450CS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL4450CM INTERSIL-EL4450CM Datasheet
170Kb / 10P
Wideband Four-Quadrant Multiplier
January 1996
EL4450CN INTERSIL-EL4450CN Datasheet
170Kb / 10P
Wideband Four-Quadrant Multiplier
January 1996
More results

Similar Description - EL4450CS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC1495 ONSEMI-MC1495 Datasheet
332Kb / 16P
LINEAR FOUR-QUADRANT MULTIPLIER
August, 2001 ??Rev. 1
logo
Intersil Corporation
HA-2556 INTERSIL-HA-2556 Datasheet
244Kb / 15P
57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
September 1998
HA2556 INTERSIL-HA2556 Datasheet
205Kb / 20P
Wideband Four Quadrant Analog Multiplier (Voltage Output)
July 1994
HA2557 INTERSIL-HA2557 Datasheet
430Kb / 14P
Wideband Four Quadrant Analog Multiplier (Current Output)
July 1994
EL4450 INTERSIL-EL4450 Datasheet
170Kb / 10P
Wideband Four-Quadrant Multiplier
January 1996
logo
Motorola, Inc
MC1494L MOTOROLA-MC1494L Datasheet
519Kb / 14P
MONOLITHIC FOUR-QUADRANT MULTIPLIER
MC1495 MOTOROLA-MC1495 Datasheet
973Kb / 15P
Wideband Linear Four-Quadrant Multiplier
logo
Intersil Corporation
HA-2556 INTERSIL-HA-2556_08 Datasheet
604Kb / 18P
57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
HA9P2556-9Z INTERSIL-HA9P2556-9Z Datasheet
564Kb / 18P
57MHz, Wideband, Four Quadrant,Voltage Output Analog Multiplier
April 25, 2013
logo
Renesas Technology Corp
HA-2556 RENESAS-HA-2556 Datasheet
1,000Kb / 18P
57MHz, Wideband, Four Quadrant, Voltage Output Analog Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com