Electronic Components Datasheet Search
  English  ▼

X  

EL4450CS Datasheet(PDF) 2 Page - Elantec Semiconductor

Part # EL4450CS
Description  Wideband Four-Quadrant Multiplier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL4450CS Datasheet(HTML) 2 Page - Elantec Semiconductor

  EL4450CS Datasheet HTML 1Page - Elantec Semiconductor EL4450CS Datasheet HTML 2Page - Elantec Semiconductor EL4450CS Datasheet HTML 3Page - Elantec Semiconductor EL4450CS Datasheet HTML 4Page - Elantec Semiconductor EL4450CS Datasheet HTML 5Page - Elantec Semiconductor EL4450CS Datasheet HTML 6Page - Elantec Semiconductor EL4450CS Datasheet HTML 7Page - Elantec Semiconductor EL4450CS Datasheet HTML 8Page - Elantec Semiconductor EL4450CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
EL4450C
Wideband Four-Quadrant Multiplier
Absolute Maximum Ratings (T
A = 25 °C)
V+
Positive Supply Voltage
16.5V
VS
V+ to V- Supply Voltage
33V
VIN
Voltage at any Input or Feedback
V+ to V-
VIN
Difference between Pairs of Inputs or Feedback
6V
IIN
Current into any Input or Feedback Pin
4 mA
IOUT Output Current
30 mA
PD
Maximum Power Dissipation
See Curves
TA
Operating Temperature Range
-40°C to +85°C
TS
Storage Temperature Range
-60°C to +150°C
Important Note:
All parameters having Min/Max specifications are guaranteed. The Test Level column indicates the specific device testing actually performed during
production and Quality inspection. Elantec performs most electrical tests using modern high-speed automatic test equipment, specifically the LTX77
Series system. Unless otherwise noted, all tests are pulsed tests, therefor TJ = TC = TA.
Test Level
Test Procedure
I
100% production tested and QA sample tested per QA test plan QCX0002.
II
100% production tested at TA = 25°C and QA sample tested at TA = 25°C, TMAX and TMIN per QA test plan QCX0002.
III
QA sample tested per QA test plan QCX0002.
IV
Parameter is guaranteed (but not tested) by Design and Characterization Data.
V
Parameter is typical value at TA = 25°C for information purposes only.
Open-Loop DC Electrical Characteristics
Power Supplies at ±5V, TA = 25°C, VFB = VOUT.
Parameter
Description
Min
Typ
Max
Test Level
Units
VDIFF
Differential Input Voltage—Clipping
1.8
2.0
IV
0.2% nonlinearity
1.0
VV
VCM
Common-Mode Range of VDIFF = 0, VS = ±5V
±2.5
±2.8
IV
VS = ±15V
±12.5
±12.8
IV
VOS
Input Offset Voltage
8
35
ImV
IB
Input Bias Current
9
20
IµA
IOS
Input Offset Current between XIN+ and XIN-, YIN+ and YIN-, REF and FB
0.5
4
IµA
Gain
Gain Factor of VOUT = Gain × XIN+ × YIN
0.45
0.5
0.55
I
V/V
2
NLx
Nonlinearity of X Input; XIN between -1V and +1V
0.3
0.7
I%
NLy
Nonlinearity of Y Input; YIN between -1V and +1V
0.2
0.35
I%
RIN
Input resistance
XIN+ to XIN-, YIN+ to YIN-,
230
Vk
Ω
REF to FB
90
CMRR
Common-Mode Rejection Ratio, XIN and YIN
70
90
IdB
PSRR
Power-Supply Rejection Ratio, FB
60
72
IdB
VO
Output Voltage Swing
(VIN = 0, VREF Varied)
VS = ±5V
±2.5
±2.8
IV
VS = ±15V
±12.5
±12.8
ISC
Output Short-Circuit Current
40
85
ImA
IS
Supply Current, VS = ±15V
15.4
18
ImA
D44450B.fm Page 2 Tuesday, April 21, 1998 9:51 AM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com