Electronic Components Datasheet Search
  English  ▼

X  

EL4584CS Datasheet(PDF) 10 Page - Elantec Semiconductor

Part # EL4584CS
Description  Horizontal Genlock, 4 FSC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL4584CS Datasheet(HTML) 10 Page - Elantec Semiconductor

Back Button EL4584CS Datasheet HTML 6Page - Elantec Semiconductor EL4584CS Datasheet HTML 7Page - Elantec Semiconductor EL4584CS Datasheet HTML 8Page - Elantec Semiconductor EL4584CS Datasheet HTML 9Page - Elantec Semiconductor EL4584CS Datasheet HTML 10Page - Elantec Semiconductor EL4584CS Datasheet HTML 11Page - Elantec Semiconductor EL4584CS Datasheet HTML 12Page - Elantec Semiconductor EL4584CS Datasheet HTML 13Page - Elantec Semiconductor EL4584CS Datasheet HTML 14Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
EL4584C
Horizontal Genlock 4 FSC
Xtal VCO Component Values (Approximate)
Frequency
R1
C1
C2
(MHz)
(kX)
(pF)
(uF)
13301
300
15
001
135
300
15
001
1475
300
15
001
17734
300
15
001
10738
300
15
001
12273
300
15
001
14318
300
15
001
The above oscillators are arranged as Colpitts os-
cillators and the structure is redrawn here to em-
phasize the split capacitance used in a Colpitts
oscillator It should be noted that this oscillator
configuration is just one of literally hundreds
possible and the configuration shown here does
not necessarily represent the best solution for all
applications Crystal manufacturers are very in-
formative sources on the design and use of oscil-
lators in a wide variety of applications and the
reader is encouraged to become familiar with
them
Colpitts Oscillator
4584 – 12
C1 is to adjust the center frequency C2 DC iso-
lates the control from the oscillator and V1 is the
primary control device C2 should be much larger
than CV so that V1 has maximum modulation
capability The frequency of oscillation is given
by
F e
1
2
q
0LCT
CT e
C1C2CV
(C1C2) a (C1CV) a (C2CV)
Choosing Loop Filter
Components
The PLL VCO and loop filter can be described
as
4584 – 13
Where
Kdephase detector gain in Arad
F(s)eloop filter impedance in VA
KVCOeVCO gain in radsV
Neinternal or external divisor
It can be shown that for the loop filter shown
below
C3 e
KdKVCO
N
0
2
n
C4 e
C3
10
R3 e
2N
g
0n
KdKVCO
Where
0n e loop filter bandwidth and g e loop
filter damping factor
1 Kd e 300 mA2qrad e 477e-5Arad for the
EL4584C
2 The loop bandwidth should be about H-sync
frequency20 and the damping ratio should be
1 for optimum performance For our example
0n e 15734 kHz20 e 787 Hz
5000 radS
3 Ne910 from table 1
N e
VCOfrequency
H-SYNCfrequency
e
1431818M
1573426k
e
910
4 KVCO represents how much the VCO frequen-
cy changes for each volt applied at the control
pin It is assumed (but probably isn’t) linear
about the lock point (25V) Its value depends
on the VCO configuration and the varactor
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com