Electronic Components Datasheet Search
  English  ▼

X  

EL4584CS Datasheet(PDF) 11 Page - Elantec Semiconductor

Part # EL4584CS
Description  Horizontal Genlock, 4 FSC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL4584CS Datasheet(HTML) 11 Page - Elantec Semiconductor

Back Button EL4584CS Datasheet HTML 7Page - Elantec Semiconductor EL4584CS Datasheet HTML 8Page - Elantec Semiconductor EL4584CS Datasheet HTML 9Page - Elantec Semiconductor EL4584CS Datasheet HTML 10Page - Elantec Semiconductor EL4584CS Datasheet HTML 11Page - Elantec Semiconductor EL4584CS Datasheet HTML 12Page - Elantec Semiconductor EL4584CS Datasheet HTML 13Page - Elantec Semiconductor EL4584CS Datasheet HTML 14Page - Elantec Semiconductor EL4584CS Datasheet HTML 15Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
EL4584C
Horizontal Genlock 4 FSC
transfer function CveF(VC) where VC is the
reverse bias control voltage and CV is varactor
capacitance
Since F(VC) is nonlinear it is
probably best to build the VCO and measure
KVCO about 25V The results of one such mea-
surement are shown below The slope of the
curve is determined by linear regression tech-
niques and equals KVCO For our example
KVCO e 605 MradSV
FOSC vs VC LCVCO
4584 – 14
5 Now we can solve for C3 C4 and R3
C3 e
KdKVCO
N
02n
e
(477e b 5)(605e6)
(910)(5000)2
e
001
mF
C4 e
C3
10
e
0001
mF
R3 e
2N
g
0n
KdKVCO
e
(2)(910)(1)(5000)
(477e b 5)(605e6)
e
315 k
X
We choose R3 e 30 kX for convenience
6 Notice R2 has little effect on the loop filter de-
sign R2 should be large around 100k and can
be adjusted to compensate for any static phase
error Ti at lock but if made too large will
slow loop response If R2 is made smaller Ti
(see timing diagrams) increases and if R2 in-
creases Ti decreases For LDET to be low at
lock
lTil k 50 ns C4 is used mainly to attenu-
ate high frequency noise from the charge
pump
Lock Time
Let
SeR3C3 As T increases damping increases
but so does lock time Decreasing T decreases
damping and speeds up loop response but in-
creases overshoot and thus increases the number
of hunting oscillations before lock Critical damp-
ing (
ge1) occurs at minimum lock time Because
decreased damping also decreases loop stability
it is sometimes desirable to design slightly over-
damped (
gl1) trading lock time for increased
stability
Typical Loop Filter
4584 – 16
LC Loop Filter Components (Approximate)
Frequency
R2
R3
C3
C4
(MHz)
(kX)(kX)(mF)
(mF)
13301
100
30
001
0001
135
100
30
001
0001
1475
100
33
001
0001
17734
100
39
001
0001
10738
100
22
001
0001
12273
100
27
001
0001
14318
100
30
001
0001
Xtal Loop Filter Components (Approximate)
Frequency
R2
R3
C3
C4
(MHz)
(kX)(MX)
(pF)
(pF)
13301
100
43
68
68
135
100
43
68
68
1475
100
43
68
68
17734
100
43
68
68
10738
100
43
68
68
12273
100
43
68
68
14318
100
43
68
68
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com