Electronic Components Datasheet Search
  English  ▼

X  

EL4584CS Datasheet(PDF) 12 Page - Elantec Semiconductor

Part # EL4584CS
Description  Horizontal Genlock, 4 FSC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL4584CS Datasheet(HTML) 12 Page - Elantec Semiconductor

Back Button EL4584CS Datasheet HTML 8Page - Elantec Semiconductor EL4584CS Datasheet HTML 9Page - Elantec Semiconductor EL4584CS Datasheet HTML 10Page - Elantec Semiconductor EL4584CS Datasheet HTML 11Page - Elantec Semiconductor EL4584CS Datasheet HTML 12Page - Elantec Semiconductor EL4584CS Datasheet HTML 13Page - Elantec Semiconductor EL4584CS Datasheet HTML 14Page - Elantec Semiconductor EL4584CS Datasheet HTML 15Page - Elantec Semiconductor EL4584CS Datasheet HTML 16Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
EL4584C
Horizontal Genlock 4 FSC
PCB Layout Considerations
It is highly recommended that power and ground
planes be used in layout The oscillator and filter
sections constitute a feedback loop and thus care
must be taken to avoid any feedback signal influ-
encing the oscillator except at the control input
The entire oscillatorfilter section should be sur-
rounded by copper ground to prevent unwanted
influences from nearby signals
Use separate
paths for analog and digital supplies keeping the
analog (oscillator section) as short and free from
spurious signals as possible Careful attention
must be paid to correct bypassing Keep lead
lengths short and place bypass caps as close to
the supply pins as possible If laying out a PCB
to use discrete components for the VCO section
care must be taken to avoid parasitic capacitance
at the OSC pins 3 and 5 and FILTER out (pin
7)
Remove ground and power plane copper
above and below these traces to avoid making a
capacitive connection to them It is also recom-
mended to enclose the oscillator section within a
shielded cage to reduce external influences on the
VCO as they tend to be very sensitive to ‘‘hand-
waving’’ influences the LC variety being more
sensitive than crystal controlled oscillators In
general the higher the operating frequency the
more important these considerations are
Self
contained VCXO or VCO modules are already
mounted in a shielding cage and therefore do not
require as much consideration in layout Many
crystal manufacturers publish informative litera-
ture regarding use and layout of oscillators which
should be helpful
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com