Electronic Components Datasheet Search
  English  ▼

X  

EL5181CS Datasheet(PDF) 4 Page - Elantec Semiconductor

Part # EL5181CS
Description  8ns High-Speed Comparator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL5181CS Datasheet(HTML) 4 Page - Elantec Semiconductor

  EL5181CS Datasheet HTML 1Page - Elantec Semiconductor EL5181CS Datasheet HTML 2Page - Elantec Semiconductor EL5181CS Datasheet HTML 3Page - Elantec Semiconductor EL5181CS Datasheet HTML 4Page - Elantec Semiconductor EL5181CS Datasheet HTML 5Page - Elantec Semiconductor EL5181CS Datasheet HTML 6Page - Elantec Semiconductor EL5181CS Datasheet HTML 7Page - Elantec Semiconductor EL5181CS Datasheet HTML 8Page - Elantec Semiconductor EL5181CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
EL5181C
8ns High-Speed Comparator
Typical Performance Curves
Propagation Delay vs Supply Voltage
10
9.5
8.5
7.5
7
6.5
6
5.5
5
9
8
4
4.5
5
5.5
6
±VS (V)
Tpd+
Tpd-
VSD=VS+
VIN=1V Step
VOD=50mV
RL=2.2kΩ
Propagation Delay vs Overdrive
10
9.5
8.5
8
7.5
7
6.5
6
9
0
0.2
0.6
1
1.2
1.6
2
VOD (V)
Tpd+
Tpd-
VS=±5V
VSD=5V
VIN=3V Step
RL=2.2kΩ
0.4
0.8
1.4
1.8
Propagation Delay vs Overdrive
11
10.5
9.5
9
8.5
8
7.5
7
10
0
0.5
1
2
3
VOD (V)
Tpd+
Tpd-
VS=±5V
VSD=5V
RL=2.2kΩ
VIN=5V Step
1.5
2.5
Propagation Delay vs Source Resistance
20
18
14
12
10
8
6
4
16
0
0.2
0.4
1
1.6
Source Resistance (k
Ω)
Tpd+
Tpd-
0.6
1.4
1.2
0.8
VS=±5V
VSD=5V
RL=2.2kΩ
VIN=1V Step
VOD=50mV
Propagation Delay vs Overdrive
10
9.5
8.5
7.5
7
6.5
6
5.5
5
9
8
0
100
200
300
400
500
600
VOD (mV)
Tpd+
Tpd-
VS=±5V
VSD=5V
VIN=1V Step
RL=2.2k
Ω
Propagation Delay vs Load Capacitance
12
10
9
8
7
6
11
0
20
40
60
80
100
120
CLOAD (pF)
Tpd+
Tpd-
VS=±5V
VSD=5V
RL=2.2k
Ω
VIN=1V Step
VOD=50mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com