Electronic Components Datasheet Search
  English  ▼

X  

EL5181CS Datasheet(PDF) 2 Page - Elantec Semiconductor

Part # EL5181CS
Description  8ns High-Speed Comparator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL5181CS Datasheet(HTML) 2 Page - Elantec Semiconductor

  EL5181CS Datasheet HTML 1Page - Elantec Semiconductor EL5181CS Datasheet HTML 2Page - Elantec Semiconductor EL5181CS Datasheet HTML 3Page - Elantec Semiconductor EL5181CS Datasheet HTML 4Page - Elantec Semiconductor EL5181CS Datasheet HTML 5Page - Elantec Semiconductor EL5181CS Datasheet HTML 6Page - Elantec Semiconductor EL5181CS Datasheet HTML 7Page - Elantec Semiconductor EL5181CS Datasheet HTML 8Page - Elantec Semiconductor EL5181CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
EL5181C
8ns High-Speed Comparator
Absolute Maximum Ratings (T
A = 25°C)
Absolute maximum ratings are those values beyond which the device
could be permanently damaged. Absolute maximum ratings are stress
ratings only and functional device operation is not implied.
Analog Supply Voltage (VS+ to VS-)
+12.6V
Digital Supply Voltage (VSD to GND)
+7V
Differential Input Voltage
[(VS-) -0.2V] to [(VS+) +0.2V]
Common-mode Input Voltage
[(VS-) -0.2V] to [(VS+) +0.2V]
Latch Input Voltage
-0.2V to [(VSD) +0.2V]
Storage Temperature Range
-65°C to +150°C
Ambient Operating Temperature
-40°C to +85°C
Operating Junction Temperature
125°C
Power Dissipation
See Curves
Important Note:
All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are at the
specified temperature and are pulsed tests, therefore: TJ = TC = TA.
Electrical Characteristics
VS = ±5V, VSD = 5V, RL = 2.3kΩ, CL = 15pF, TA = 25°C, unless otherwise specified.
Parameter
Description
Condition
Min
Typ
Max
Unit
Input
VOS
Input Offset Voltage
VCM = 0V, VO = 2.5V
1
4
mV
IB
Input Bias Current
-6
-3.5
µA
CIN
Input Capacitance
5
pF
IOS
Input Offset Current
VCM = 0V, VO = 2.5V
-2.5
0.5
2.5
µA
VCM
Input Voltage Range
(VS-) - 0.1
(VS+) - 2.25
V
CMRR
Common-mode Rejection Ratio
-5.1V < VCM < +2.75V
65
90
dB
Output
VOH
Output High Voltage
VIN > 250mV
VSD - 0.6
VSD - 0.4
V
VOL
Output Low Voltage
VIN > 250mV
GND + 0.25
GND + 0.5
V
Dynamic Performance
tpd+
Positive Going Delay Time
VIN = 1VP-P, VOD = 50mV
8
12
ns
tpd-
Negative Going Delay Time
VIN = 1VP-P, VOD = 50mV
8
12
ns
Supply
IS+
Positive Analog Supply Current
7
8.2
mA
IS-
Negative Analog Supply Current
5
6.5
mA
ISD
Digital Supply Current
Output high
4
5
mA
Output low
0.75
1
mA
PSRR
Power Supply Rejection Ratio
60
80
dB
Latch
VLH
Latch Input Voltage High
2.0
V
VLL
Latch Input Voltage Low
0.8
V
ILH
Latch Input Current High
VLH = 3.0V
-30
-18
µA
ILL
Latch Input Current Low
VLL = 0.3V
-30
-24
µA
td+
Latch Disable to High Delay
6
ns
td-
Latch Disable to Low Delay
6
ns
ts
Minimum Setup Time
2
ns
th
Minimum Hold Time
1
ns
tpw(D)
Minimum Latch Disable Pulse Width
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com