Electronic Components Datasheet Search
  English  ▼

X  

EL5181CS Datasheet(PDF) 1 Page - Elantec Semiconductor

Part # EL5181CS
Description  8ns High-Speed Comparator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL5181CS Datasheet(HTML) 1 Page - Elantec Semiconductor

  EL5181CS Datasheet HTML 1Page - Elantec Semiconductor EL5181CS Datasheet HTML 2Page - Elantec Semiconductor EL5181CS Datasheet HTML 3Page - Elantec Semiconductor EL5181CS Datasheet HTML 4Page - Elantec Semiconductor EL5181CS Datasheet HTML 5Page - Elantec Semiconductor EL5181CS Datasheet HTML 6Page - Elantec Semiconductor EL5181CS Datasheet HTML 7Page - Elantec Semiconductor EL5181CS Datasheet HTML 8Page - Elantec Semiconductor EL5181CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Note: All information contained in this data sheet has been carefully checked and is believed to be accurate as of the date of publication; however, this data sheet cannot be a “controlled document”. Current revisions, if any, to these
specifications are maintained at the factory and are available upon your request. We recommend checking the revision level before finalization of your design documentation.
© 2001 Elantec Semiconductor, Inc.
General Description
The EL5181C comparator is designed for operation in single supply
and dual supply applications with 5V to 12V between VS+ and VS-.
For single supplies, the inputs can operate from 0.1V below ground for
use in ground sensing applications.
The output side of the comparator can be supplied from a single sup-
ply of 2.7V to 5V. The rail-to-rail output swing enables direct
connection of the comparator to both CMOS and TTL logic circuits.
The latch input of the EL5181C can be used to hold the comparator
output value by applying a low logic level to the pin.
The EL5181C is available in the 8-pin SO package and is specified for
operation over the full -40°C to +85°C temperature range. Also avail-
able are a dual (EL5281C), a window comparator (EL5283C), and
quad versions (EL5481C and EL5482C).
1
2
3
4
8
7
6
5
VS+
L
A
T
C
H
VSD
OUT
GND
LATCH
IN+
IN-
VS-
EL5181CS
(8-Pin SO)
Pin Configuration
-
+
Features
• 8ns Typ. Propagation Delay
• 5V to 12V Input Supply
• +2.7V to +5V Output Supply
• True-to-ground Input
• Rail-to-rail Outputs
• Active Low Latch
• Dual Available (EL5281C)
• Window Comparator (EL5283C)
• Quad Available (EL5481C &
EL5482C)
• Pin-compatible 4ns Family
Available (EL5x85C, EL5287C &
EL5486C)
Applications
• Threshold Detection
• High Speed Sampling Circuits
• High Speed Triggers
• Line Receivers
• PWM Circuits
• High Speed V/F Converters
Ordering Information
Part No.
Package
Tape & Reel
Outline #
EL5181CS
8-Pin SO
-
MDP0027
EL5181CS-T7
8-Pin SO
7”
MDP0027
EL5181CS-T13
8-Pin SO
13”
MDP0027
EL5181C
8ns High-Speed Comparator


Similar Part No. - EL5181CS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5181CS INTERSIL-EL5181CS Datasheet
106Kb / 9P
8ns High-Speed Comparator
December 4, 2001
EL5181CS-T13 INTERSIL-EL5181CS-T13 Datasheet
106Kb / 9P
8ns High-Speed Comparator
December 4, 2001
EL5181CS-T7 INTERSIL-EL5181CS-T7 Datasheet
106Kb / 9P
8ns High-Speed Comparator
December 4, 2001
More results

Similar Description - EL5181CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5281C ELANTEC-EL5281C Datasheet
108Kb / 11P
Dual 8ns High-Speed Comparator
EL5283C ELANTEC-EL5283C Datasheet
257Kb / 9P
Dual and Window 8ns High-Speed Comparators
EL5481C ELANTEC-EL5481C Datasheet
112Kb / 11P
Quad 8ns High-Speed Comparators
logo
Linear Technology
LT685 LINER-LT685 Datasheet
248Kb / 4P
High Speed Comparator
logo
Intersil Corporation
EL5281 INTERSIL-EL5281 Datasheet
161Kb / 9P
Dual 8ns High-Speed Comparator
June 14, 2001
EL5283 INTERSIL-EL5283 Datasheet
150Kb / 8P
Window 8ns High-Speed Comparator
January 17, 2002
EL5481 INTERSIL-EL5481 Datasheet
176Kb / 9P
Quad 8ns High-Speed Comparators
June 14, 2001
EL5181 INTERSIL-EL5181 Datasheet
106Kb / 9P
8ns High-Speed Comparator
December 4, 2001
logo
Linear Technology
LT685 LINER-LT685_1 Datasheet
99Kb / 8P
High Speed Comparator
logo
Renesas Technology Corp
EL5481 RENESAS-EL5481 Datasheet
568Kb / 9P
Quad 8ns High-Speed Comparators
June 14, 2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com