Electronic Components Datasheet Search
  English  ▼

X  

EL5191CS Datasheet(PDF) 5 Page - Elantec Semiconductor

Part # EL5191CS
Description  1GHz Current Feedback Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL5191CS Datasheet(HTML) 5 Page - Elantec Semiconductor

  EL5191CS Datasheet HTML 1Page - Elantec Semiconductor EL5191CS Datasheet HTML 2Page - Elantec Semiconductor EL5191CS Datasheet HTML 3Page - Elantec Semiconductor EL5191CS Datasheet HTML 4Page - Elantec Semiconductor EL5191CS Datasheet HTML 5Page - Elantec Semiconductor EL5191CS Datasheet HTML 6Page - Elantec Semiconductor EL5191CS Datasheet HTML 7Page - Elantec Semiconductor EL5191CS Datasheet HTML 8Page - Elantec Semiconductor EL5191CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
EL5191C
1GHz Current Feedback Amplifier
Typical Performance Curves
-3dB Bandwidth vs Supply Voltage for Non-
inverting Gains
56
10
Total Supply Voltage (V)
1200
1000
800
600
200
0
8
AV=1
Peaking vs Supply Voltage for Non-inverting Gains
Total Supply Voltage (V)
4
3.5
1.5
1
0.5
0
-3dB Bandwidth vs Supply Voltage for Inverting
Gains
56
10
Total Supply Voltage (V)
600
500
400
300
100
0
8
400
79
RF=390Ω
RL=150Ω
AV=2
AV=5
AV=10
200
79
RF=250Ω
RL=150Ω
AV=-1
AV=-5
56
10
8
79
RF=390Ω
RL=150Ω
AV=1
AV=2
AV=-2
AV=10
2.5
2
3
Peaking vs Supply Voltage for Inverting Gains
Total Supply Voltage (V)
4
3
2
1
0
56
10
8
79
RF=250Ω
RL=150Ω
AV=-1
AV=-5
AV=-2
Non-inverting Frequency Response (Gain)
SO8 Package
1M
10M
1G
Frequency (Hz)
100M
1.6G
6
2
-2
-6
-10
-14
RF=392Ω
RL=150Ω
AV=1
AV=2
AV=5
AV=10
Non-inverting Frequency Response (Phase)
SO8 Package
1M
10M
1G
Frequency (Hz)
100M
90
0
-90
-180
-270
-360
RF=392Ω
RL=150Ω
AV=1
AV=2
AV=5
AV=10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com