Electronic Components Datasheet Search
  English  ▼

X  

EL5191CS Datasheet(PDF) 1 Page - Elantec Semiconductor

Part # EL5191CS
Description  1GHz Current Feedback Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL5191CS Datasheet(HTML) 1 Page - Elantec Semiconductor

  EL5191CS Datasheet HTML 1Page - Elantec Semiconductor EL5191CS Datasheet HTML 2Page - Elantec Semiconductor EL5191CS Datasheet HTML 3Page - Elantec Semiconductor EL5191CS Datasheet HTML 4Page - Elantec Semiconductor EL5191CS Datasheet HTML 5Page - Elantec Semiconductor EL5191CS Datasheet HTML 6Page - Elantec Semiconductor EL5191CS Datasheet HTML 7Page - Elantec Semiconductor EL5191CS Datasheet HTML 8Page - Elantec Semiconductor EL5191CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Note: All information contained in this data sheet has been carefully checked and is believed to be accurate as of the date of publication; however, this data sheet cannot be a “controlled document”. Current revisions, if any, to these
specifications are maintained at the factory and are available upon your request. We recommend checking the revision level before finalization of your design documentation.
© 2001 Elantec Semiconductor, Inc.
General Description
The EL5191C amplifier is of the current feedback variety and exhibits
a very high bandwidth of 1GHz. This makes this amplifier ideal for
today’s high speed video and monitor applications, as well as a num-
ber of RF and IF frequency designs.
With a supply current of just 9mA and the ability to run from a single
supply voltage from 5V to 10V, these amplifiers offer very high per-
formance for little power consumption.
For applications where board space is critical, the EL5191C is offered
in the 5-pin SOT23 package, as well as an industry standard 8-pin SO.
The EL5191C operates over the industrial temperature range of -40
°C
to +85
°C.
OUT
VS-
VS+
IN-
IN+
5-Pin SOT23
1
2
3
5
4
EL5191CW
Pin Configurations
1
2
3
4
8
7
6
5
-
+
IN-
IN+
VS-
NC
OUT
VS+
NC
NC*
8-Pin SO
EL5191CS
* This pin must be left disconnected
Features
• 1GHz -3dB bandwidth
• 9mA supply current
• Single and dual supply operation,
from 5V to 10V supply span
• Available in 5-pin SOT23 package
• High speed, 600MHz product
available (EL5192C, EL5292C,
and EL5392C)
• Lower power, 300MHz product
available (EL5193C, EL5293C,
EL5393C)
Applications
• Video Amplifiers
• Cable Drivers
• RGB Amplifiers
• Test Equipment
• Instrumentation
• Current to Voltage Converters
Ordering Information
Part No
Package
Tape &
Reel
Outline #
EL5191CW-T7
5-Pin SOT23
7”
MDP0038
EL5191CW-T13
5-Pin SOT23
13”
MDP0038
EL5191CS
8-Pin SO
-
MDP0027
EL5191CS-T7
8-Pin SO
7”
MDP0027
EL5191CS-T13
8-Pin SO
13”
MDP0027
EL5191C
1GHz Current Feedback Amplifier


Similar Part No. - EL5191CS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5191CS INTERSIL-EL5191CS Datasheet
409Kb / 17P
1GHz Current Feedback Amplifier with Enable
August 3, 2005
EL5191CS INTERSIL-EL5191CS Datasheet
440Kb / 20P
1GHz Current Feedback Amplifier with Enable
May 16, 2007
EL5191CSZ INTERSIL-EL5191CSZ Datasheet
409Kb / 17P
1GHz Current Feedback Amplifier with Enable
August 3, 2005
EL5191CSZ INTERSIL-EL5191CSZ Datasheet
440Kb / 20P
1GHz Current Feedback Amplifier with Enable
May 16, 2007
EL5191CSZ-T13 INTERSIL-EL5191CSZ-T13 Datasheet
409Kb / 17P
1GHz Current Feedback Amplifier with Enable
August 3, 2005
More results

Similar Description - EL5191CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2160C ELANTEC-EL2160C Datasheet
566Kb / 18P
180MHz Current Feedback Amplifier
EL400C ELANTEC-EL400C Datasheet
427Kb / 11P
200MHz Current Feedback Amplifier
logo
Maxim Integrated Produc...
MAX4223 MAXIM-MAX4223 Datasheet
243Kb / 20P
1GHz, Low-Power, SOT23, Current-Feedback Amplifiers with Shutdown
Rev 2a; 6/97
logo
Intersil Corporation
EL5191 INTERSIL-EL5191 Datasheet
409Kb / 17P
1GHz Current Feedback Amplifier with Enable
August 3, 2005
EL5367 INTERSIL-EL5367 Datasheet
403Kb / 11P
1GHz Triple Current Feedback Amplifier
November 9, 2004
HA-5004883 INTERSIL-HA-5004883 Datasheet
119Kb / 5P
100MHz Current Feedback Amplifier
July 1998
EL5191 INTERSIL-EL5191_07 Datasheet
440Kb / 20P
1GHz Current Feedback Amplifier with Enable
May 16, 2007
logo
Analog Devices
AD8001 AD-AD8001_17 Datasheet
329Kb / 17P
Current Feedback Amplifier
23-Feb-2017
AD8004 AD-AD8004_17 Datasheet
449Kb / 17P
Current Feedback Amplifier
24-Feb-2017
logo
Renesas Technology Corp
EL5367 RENESAS-EL5367 Datasheet
613Kb / 11P
1GHz Triple Current Feedback Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com