Electronic Components Datasheet Search
  English  ▼

X  

EL5191CS Datasheet(PDF) 11 Page - Elantec Semiconductor

Part # EL5191CS
Description  1GHz Current Feedback Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL5191CS Datasheet(HTML) 11 Page - Elantec Semiconductor

Back Button EL5191CS Datasheet HTML 7Page - Elantec Semiconductor EL5191CS Datasheet HTML 8Page - Elantec Semiconductor EL5191CS Datasheet HTML 9Page - Elantec Semiconductor EL5191CS Datasheet HTML 10Page - Elantec Semiconductor EL5191CS Datasheet HTML 11Page - Elantec Semiconductor EL5191CS Datasheet HTML 12Page - Elantec Semiconductor EL5191CS Datasheet HTML 13Page - Elantec Semiconductor EL5191CS Datasheet HTML 14Page - Elantec Semiconductor EL5191CS Datasheet HTML 15Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
EL5191C
1GHz Current Feedback Amplifier
Pin Descriptions
EL5191C
8-Pin SO
EL5191C
5-Pin SOT23
Pin Name
Function
Equivalent Circuit
1,5
NC
Not connected
2
4
IN-
Inverting input
Circuit1
3
3
IN+
Non-inverting input
(See circuit 1)
42
VS-
Negative supply
6
1
OUT
Output
Circuit 2
75
VS+
Positive supply
8
NC
Not connected (leave this pin disconnected)
IN-
IN+
VS+
VS-
VS+
VS-
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com