Electronic Components Datasheet Search
  English  ▼

X  

PS9402 Datasheet(PDF) 2 Page - California Eastern Labs

Part # PS9402
Description  2.5 A OUTPUT CURRENT, HIGH CMR, IGBT, POWER MOS FET GATE DRIVE, 16-PIN SSOP PHOTOCOUPLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9402 Datasheet(HTML) 2 Page - California Eastern Labs

  PS9402 Datasheet HTML 1Page - California Eastern Labs PS9402 Datasheet HTML 2Page - California Eastern Labs PS9402 Datasheet HTML 3Page - California Eastern Labs PS9402 Datasheet HTML 4Page - California Eastern Labs PS9402 Datasheet HTML 5Page - California Eastern Labs PS9402 Datasheet HTML 6Page - California Eastern Labs PS9402 Datasheet HTML 7Page - California Eastern Labs PS9402 Datasheet HTML 8Page - California Eastern Labs PS9402 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
PS9402
Chapter Title
2
2
f
o
2
e
g
a
P
0
0
.
1
.v
e
R
0
0
1
0
J
E
4
1
0
0
S
D
8
0
R
Jun 22, 2012
PACKAGE DIMENSIONS (UNIT: mm)
10.36±0.4
0.64 MIN.
7.49+0.5
–0.1
0.71±0.3
10.31±0.5
1.27
0.46±0.1
0.25 M
PHOTOCOUPLER CONSTRUCTION
).
N
I
M
(
ti
n
U
r
e
t
e
m
a
r
a
P
m
m
8
e
c
n
a
ts
i
D
ri
A
Outer Creepage Distance
8 mm
m
m
4
.
0
e
c
n
a
ts
i
D
n
oi
t
al
o
sI
A Business Partner of Renesas Electronics Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com