Electronic Components Datasheet Search
  English  ▼

X  

PS9402 Datasheet(PDF) 13 Page - California Eastern Labs

Part # PS9402
Description  2.5 A OUTPUT CURRENT, HIGH CMR, IGBT, POWER MOS FET GATE DRIVE, 16-PIN SSOP PHOTOCOUPLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9402 Datasheet(HTML) 13 Page - California Eastern Labs

Back Button PS9402 Datasheet HTML 9Page - California Eastern Labs PS9402 Datasheet HTML 10Page - California Eastern Labs PS9402 Datasheet HTML 11Page - California Eastern Labs PS9402 Datasheet HTML 12Page - California Eastern Labs PS9402 Datasheet HTML 13Page - California Eastern Labs PS9402 Datasheet HTML 14Page - California Eastern Labs PS9402 Datasheet HTML 15Page - California Eastern Labs PS9402 Datasheet HTML 16Page - California Eastern Labs PS9402 Datasheet HTML 17Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
PS9402
Chapter Title
2
2
f
o
3
1
e
g
a
P
0
0
.
1
.v
e
R
0
0
1
0
J
E
4
1
0
0
S
D
8
0
R
Jun 22, 2012
Output Supply Voltage VCC2 (V)
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. OUTPUT SUPPLY VOLTAGE
15
20
25
30
VEE = GND, IF = 10 mA,
Rg = 10 Ω, Cg = 10 nF,
f = 10 kHz, Duty cycle = 50%
200
150
100
50
0
tPHL
PWD
tPLH
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. LOAD CAPACITANCE
Load Capacitance Cg (nF)
0
10
20
30
40
50
VCC2 = 30 V, VEE = GND,
IF = 10 mA, Rg = 10 Ω,
f = 10 kHz, Duty cycle = 50%
tPHL
tPLH
PWD
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. LOAD RESISTANCE
VCC2 = 30 V, VEE = GND,
IF = 10 mA, Cg = 10 nF,
f = 10 kHz, Duty cycle = 50%
tPHL
PWD
tPLH
Load Resistance Rg (Ω)
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. AMBIENT TEMPERATURE
Ambient Temperature TA (°C)
0
−
40 −20
20
40
60
80
VCC2 = 30 V, VEE = GND,
IF = 10 mA,
Rg = 10 Ω, Cg = 10 nF,
f = 10 kHz, Duty cycle = 50%
tPHL
tPLH
100
PWD
200
150
100
50
0
0
10
20
30
40
50
200
150
100
50
0
200
150
100
50
0
Low Level Output Current IOL (A)
LOW LEVEL OUTPUT VOLTAGE vs.
LOW LEVEL OUTPUT CURRENT
0.0
5.0
4.0
3.0
2.0
1.0
0
0.5
1.0
1.5
2.5
2.0
VCC = 30 V,
VEE = GND,
IF = 0 mA
−
40°C
25°C
TA = 110°C
Forward Current IF (mA)
PROPAGATION DELAY TIME,
PULSE WIDTH DISTORTION
vs. FORWARD CURRENT
7
10
13
16
VCC2 = 30 V, VEE = GND,
Rg = 10 Ω, Cg = 10 nF,
f = 10 kHz, Duty cycle = 50%
200
150
100
50
0
tPHL
PWD
tPLH
Remark The graphs indicate nominal characteristics.
A Business Partner of Renesas Electronics Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com