Electronic Components Datasheet Search
  English  ▼

X  

PS9402 Datasheet(PDF) 21 Page - California Eastern Labs

Part # PS9402
Description  2.5 A OUTPUT CURRENT, HIGH CMR, IGBT, POWER MOS FET GATE DRIVE, 16-PIN SSOP PHOTOCOUPLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9402 Datasheet(HTML) 21 Page - California Eastern Labs

Back Button PS9402 Datasheet HTML 15Page - California Eastern Labs PS9402 Datasheet HTML 16Page - California Eastern Labs PS9402 Datasheet HTML 17Page - California Eastern Labs PS9402 Datasheet HTML 18Page - California Eastern Labs PS9402 Datasheet HTML 19Page - California Eastern Labs PS9402 Datasheet HTML 20Page - California Eastern Labs PS9402 Datasheet HTML 21Page - California Eastern Labs PS9402 Datasheet HTML 22Page - California Eastern Labs PS9402 Datasheet HTML 23Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
PS9402
Chapter Title
2
2
f
o
1
2
e
g
a
P
0
0
.
1
.v
e
R
0
0
1
0
J
E
4
1
0
0
S
D
8
0
R
Jun 22, 2012
SPECIFICATION OF VDE MARKS LICENSE DOCUMENT
ti
n
U
.
c
e
p
S
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
Climatic test class (IEC 60068-
1
2
/
0
1
1
/
0
4
)
1
-
8
6
0
0
6
N
E
N
I
D
/
1
Dielectric strength
maximum operating isolation voltage
Test voltage (partial discharge test, procedure a for type test and random test)
Upr = 1.6 × UIORM., Pd < 5 pC
UIORM
Upr
1 130
1 808
Vpeak
Vpeak
Test voltage (partial discharge test, procedure b for all devices)
Upr = 1.875 × UIORM., Pd < 5 pC
Upr
2 119
Vpeak
U
e
g
a
tl
o
v
r
e
v
o
el
bi
s
si
m
r
e
p
ts
e
h
gi
H
TR
8 000
Vpeak
2
)
1
tr
a
P
0
1
1
0
E
D
V
1
-
4
6
6
0
6
N
E
N
I
D
(
n
oi
t
ul
lo
p
f
o
e
e
r
g
e
D
Comparative tracking index (IEC 60112/DIN EN 60112 (VDE 0303 Part 11))
CTI
175
Material group (DIN EN 60664
a
II
I
)
1
tr
a
P
0
1
1
0
E
D
V
1
-
T
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
S
stg
–55 to +125
°C
T
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
g
ni
t
a
r
e
p
O
A
–40 to +110
°C
Isolation resistance, minimum value
VIO = 500 V dc at TA = 25°C
VIO = 500 V dc at TA MAX. at least 100°C
Ris MIN.
Ris MIN.
1012
1011
Safety maximum ratings (maximum permissible in case of fault, see thermal
derating curve)
Package temperature
Current (input current IF, Psi = 0)
Power (output or total power dissipation)
Isolation resistance
VIO = 500 V dc at TA = Tsi
Tsi
Isi
Psi
Ris MIN.
175
400
700
109
°C
mA
mW
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com