Electronic Components Datasheet Search
  English  ▼

X  

STP80N70F6 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STP80N70F6
Description  N-channel 68 V, 0.0063 typ., 96 A STripFET VI DeepGATE Power MOSFET in TO-220 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP80N70F6 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STP80N70F6 Datasheet HTML 2Page - STMicroelectronics STP80N70F6 Datasheet HTML 3Page - STMicroelectronics STP80N70F6 Datasheet HTML 4Page - STMicroelectronics STP80N70F6 Datasheet HTML 5Page - STMicroelectronics STP80N70F6 Datasheet HTML 6Page - STMicroelectronics STP80N70F6 Datasheet HTML 7Page - STMicroelectronics STP80N70F6 Datasheet HTML 8Page - STMicroelectronics STP80N70F6 Datasheet HTML 9Page - STMicroelectronics STP80N70F6 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Electrical characteristics
STP80N70F6
6/13
Doc ID 023433 Rev 1
2.1
Electrical characteristics (curves)
Figure 2.
Safe operating area
Figure 3.
Thermal impedance
Figure 4.
Output characteristics
Figure 5.
Transfer characteristics
Figure 6.
Gate charge vs gate-source voltage Figure 7.
Static drain-source on-resistance
ID
1
0.1
0.1
1
VDS(V)
10
(A)
Oper
ation
in
thi
s
are
a i
s
Limited
by
m
ax
R
DS
(on)
1ms
10ms
100µs
Tj=175°C
Tc=25°C
Single
pulse
10
100
AM15420v1
10
-6
10
-5
10
-4
10
-3
10
-2
tp(s)
10
-3
10
-1
K
0.2
0.05
0.02
0.01
0.1
Zth=k Rthj-c
δ=tp/τ
tp
τ
Single pulse
δ=0.5
10
-2
10
-1
10
0
280TOEG
ID
150
100
50
0
0
2
VDS(V)
(A)
1
200
VGS= 4 V
VGS= 5 V
VGS= 10 V
250
VGS= 6 V
3
300
AM15427v1
ID
150
100
50
0
2
4
VGS(V)
6
(A)
3
5
7
200
8
VDS= 4 V
9
10
250
300
AM15422v1
VGS
6
4
2
0
0
20
Qg(nC)
(V)
8
40
10
VDD=34V
ID=96A
60
80
100
12
AM15423v1
RDS(on)
4
2
0
0
30
ID(A)
(m
Ω)
10
50
6
8
70
20
40
60
80
VGS=10V
10
12
14
AM15429v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com