| Electronic Components Datasheet Search |
|
EM32117 Datasheet(PDF) 13 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM32117 Datasheet(HTML) 13 Page - ELAN Microelectronics Corp |
|
13 / 21 page ![]() 13 * This specification are subject to be changed without notice. EM32117 16DIGITLCDDRIVERWITHCHECKTIMEFUNCTION 3.17.1999 Preliminary • If the contents of the data corresponds to either one of the SPEAKER, HOLD indicators, then the states of the indicators are governed by the state diagram in figure 4. As the state-diagram suggests, the indicators HOLD and SPEAKER are controlled by the status of HKS pin as well as Serial Data HOLD, and SPEAKER. Operating state HKS pin status HOLD Indicator SPEAKER Indicator 1. On-hook state Hi OFF OFF 2. Off-hook state Lo OFF OFF 3. Off-hook, HF state Lo OFF ON 4. On-hook, HF state Hi OFF ON 5. Off-hook, HD state Lo ON OFF 6. On-hook, HD state Hi ON OFF • If the Serial Data received corresponds to one of Redial, Store, Auto, Page, Memory indicators for the first time after HKS pin switches from high to low, it will be interpreted as "turning-on the indicator". These indicators will remain on till 6 seconds after the last dialed number when the display mode switches from Dialing Number Display to Stop-watch display, then these indicators will go out. • If the received Serial Data corresponds to the codes of MUTE or ALARM, then each receptions of the same serial data will be interpreted as "flipping (toggling) the current state of the indicator". However, when the system returns to state 1, the MUTE will also be cleared. Driving a 12 digit LCD panel When the EM32117 is driving a 12 digit LCD panel, the ENCNLD should be pulled to V DD to suppress the display of calendar. For example, • When the system is in State 1 (the LCD panel is at RTC mode), pulling ENCNLD to V DD will disable display of calendar. Note: Calendar display will be automatically suppressed when Real-Time Clock is disable (pulling ENRTC to high level). Displaying Indicators When the received serial data correspond to indicators, depending on which group the indicators belong to, the responses to the data are different. Suppressing Real-Time Clock Display With the ENRTC at high level (Real-Time Clock disabled) and the system is in State 1, the LCD panel will be blanked. While the system is in Stop-watch mode, it is not possible to switch to calendar and RTC mode by pressing MS1 key. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |