Electronic Components Datasheet Search
  English  ▼

X  

EM32117 Datasheet(PDF) 18 Page - ELAN Microelectronics Corp

Part # EM32117
Description  16DIGITLCDDRIVERWITHCHECKTIMEFUNCTION
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM32117 Datasheet(HTML) 18 Page - ELAN Microelectronics Corp

Back Button EM32117 Datasheet HTML 13Page - ELAN Microelectronics Corp EM32117 Datasheet HTML 14Page - ELAN Microelectronics Corp EM32117 Datasheet HTML 15Page - ELAN Microelectronics Corp EM32117 Datasheet HTML 16Page - ELAN Microelectronics Corp EM32117 Datasheet HTML 17Page - ELAN Microelectronics Corp EM32117 Datasheet HTML 18Page - ELAN Microelectronics Corp EM32117 Datasheet HTML 19Page - ELAN Microelectronics Corp EM32117 Datasheet HTML 20Page - ELAN Microelectronics Corp EM32117 Datasheet HTML 21Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
18
Preliminary
EM32117
16DIGITLCDDRIVERWITHCHECKTIMEFUNCTION
* This specification are subject to be changed without notice.
3.17.1999
SEG23
SEG22
SEG21
SEG20
SEG19
SEG18
SEG17
SEG16
COM3
12f
12a
11f
11a
10f
10a
9f
9a
COM2
12g
12b
11g
11b
10g
1b
9g
9b
COM1
12e
12c
11e
11c
10e
10c
9e
9c
COM0
12d
RD
11d
Speaker
10d
HOLD
9d
Memory
SEG15
SEG14
SEG13
SEG12
SEG11
SEG10
SEG9
SEG8
COM3
8f
8a
7f
7a
6f
6a
5f
5a
COM2
8g
8b
7g
7b
6g
6b
5g
5b
COM1
8e
8c
7e
7c
6e
6c
5e
5c
COM0
8d
GF
7d
ALARM
6d
STORE
5d
PAGE
SEG7
SEG6
SEG5
SEG4
SEG3
SEG2
SEG1
SEG0
COM3
4f
4a
3f
3a
2f
2a
1f
1a
COM2
4g
4b
3g
3b
2g
2b
1g
1b
COM1
4e
4c
3e
3c
2e
2c
1e
1c
COM0
4d
AUTO
3d
LOCK
2d
SAVE
1d
MUTE
12 DIGITS LCD PANEL DESIGN NOTE
LCD Panel Description
The 12 digits LCD display font of the EM32117 LCD driver is shown as the following :
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
1
Digit #
PAUSE TONE
#
*
0
9
8
7
6
5
4
LO BATT
ALARM
PAGE
STORE
MEMORY
RD
SPEAKER
HOLD
AUTO
LOCK
SAVE
MUTE
DASH
COM3
COM2
COM1
COM0
GF
ALARM
PAGE
STORE
MEMORY
RD
SPEAKER
HOLD
AUTO
LOCK
SAVE
MUTE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com