Electronic Components Datasheet Search
  English  ▼

X  

EM32117 Datasheet(PDF) 2 Page - ELAN Microelectronics Corp

Part # EM32117
Description  16DIGITLCDDRIVERWITHCHECKTIMEFUNCTION
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM32117 Datasheet(HTML) 2 Page - ELAN Microelectronics Corp

  EM32117 Datasheet HTML 1Page - ELAN Microelectronics Corp EM32117 Datasheet HTML 2Page - ELAN Microelectronics Corp EM32117 Datasheet HTML 3Page - ELAN Microelectronics Corp EM32117 Datasheet HTML 4Page - ELAN Microelectronics Corp EM32117 Datasheet HTML 5Page - ELAN Microelectronics Corp EM32117 Datasheet HTML 6Page - ELAN Microelectronics Corp EM32117 Datasheet HTML 7Page - ELAN Microelectronics Corp EM32117 Datasheet HTML 8Page - ELAN Microelectronics Corp EM32117 Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
Preliminary
EM32117
16DIGITLCDDRIVERWITHCHECKTIMEFUNCTION
* This specification are subject to be changed without notice.
3.17.1999
Pin Name
Description
SPARE1, SPARE2
Need to be connected to V
SS.
COM0~COM3
LCD panel driver common output pins.
SEG0~SEG31
LCD panel driver segment output pins.
TEST
Reserved for testing, should be left open.
MS1
Manual setting and check last conversation time input pin 1, with built-in pull-up optimal
resistor. The optimal resistor before keying=100k
Ω, after keying change to 1MΩ for
reducing power consumption.
MS2
Manual setting input pin 2 with built-in pull-up; optimal resistor. The
optimal resistor before keying=100k
Ω, after keying change to 1MΩ for reducing power
consumption.
SDI
Serial data input pin with built-in 150 K
Ω pull-up resistor.
HKS
Hook switch status input pin with built-in 1 M
Ω pull-up resistor.
V
DD, VSS
Positive power supply pin.
V2, V3
Voltage tripler circuit for LCD driver.
VC1, VC2
Voltage tripler circuit for LCD driver.
XIN, XOUT
Crystal input and output pins for connecting a 32768Hz crystal (Internal built-in 2-p
capacitor).
24/12
RTC display 24 or 12 hours format selection pin (when this pin is pulled "high, RTC will
be displayed in 24 hour format. Otherwise will be display in 12 hour format).
ENCLND
Calendar enable pin. When disabled (ENCLND* = high), the Calendar field of LCD
panel will be blanked. When 12 digit LCD panels are used, Calendar should be disable
to suppress output of calendar.
ENRTC
RTC enable pin. When disabled (ENRTC* = high), the LCD panel will be blanked when
HKS pin is at high level.
GF
General Flag input pin without built-in resistor. When GF pull "High" LCD panel will
display Icon. GF pull "Low", "GF" Icon will blank.
FUNCTION BLOCK DIAGRAM
PIN DESCRIPTION
SEG0~31
COM0~3
1/4 Duty 1/3 bias LCD Driver
Serial Data
Sampling
&
Decoding
Serial Data
Display Buffer
RTC/STW
Counter
GF
Timing
&
Control
Circuit
ENCLND
ENRTC
24/12
HKS
MS2
MS1
TEST
Sampling
Signal
Generator
OSC
Power
Supply
Circuit
XIN
XOUT
VDD
VSS
SD1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com