Electronic Components Datasheet Search
  English  ▼

X  

EM73983 Datasheet(PDF) 18 Page - ELAN Microelectronics Corp

Part # EM73983
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73983 Datasheet(HTML) 18 Page - ELAN Microelectronics Corp

Back Button EM73983 Datasheet HTML 14Page - ELAN Microelectronics Corp EM73983 Datasheet HTML 15Page - ELAN Microelectronics Corp EM73983 Datasheet HTML 16Page - ELAN Microelectronics Corp EM73983 Datasheet HTML 17Page - ELAN Microelectronics Corp EM73983 Datasheet HTML 18Page - ELAN Microelectronics Corp EM73983 Datasheet HTML 19Page - ELAN Microelectronics Corp EM73983 Datasheet HTML 20Page - ELAN Microelectronics Corp EM73983 Datasheet HTML 21Page - ELAN Microelectronics Corp EM73983 Datasheet HTML 22Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
18
* This specification are subject to be changed without notice.
10.31.2000
EM73983
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
Preliminary
PROGRAM EXAMPLE: To generate TRGA interrupt request after 60 ms with system clock LXlN=32KHz
LDIA
#0100B;
EXAE
;enable mask 2
EICIL
110111b
; interrupt latch
←0, enable EI
LDIA
#0Ah;
STATAL;
LDIA
#00h;
STATAM;
LDIA
#0Fh;
STATAH;
LDIA
#1000B;
OUTA
P28
; enable timerA with internal pulse rate: LXIN/23 Hz
NOTE:
The preset value of timer/counter register is calculated as following procedure.
Internal pulse rate: LXIN/23 ; LXIN = 32KHz
The time of timer counter count one = 23 /LXIN = 8/32768=0.244ms
The number of internal pulse to get timer overflow = 60 ms/ 0.244ms = 245.901= 0F6h
The preset value of timer/counter register = 1000h - 0F6h = F0Ah
PULSE WIDTH MEASUREMENT MODE
Internal pulse
TimerB (TimerA )value
n
n+1
n+2
n+3
n+4
n+5
n+6
n+7
P8.1/TRGB (P8.3/TRGA)
TimerB (TimerA) value n
n+1
n+2
n+3
n+4
n+5
n+6
TIMER/COUNTER FUNCTION
Timer/counterA,B are programmable for timer, event counter and pulse width measurement mode. Each
timer/counter can execute any of these functions independently.
EVENT COUNTER MODE
under event counter mode, the timer/counter is increased by one at any rising edge of P8.1/TRGB for timerB
(P8.3/TRGA for timer A). When timerB (timerA) counts overflow, it will provide an interrupt request
TRGB (TRGA) to interrupt control unit.
PROGRAM EXAMPLE: Enable timerA with P28
LDIA
#0100b;
OUTA
P28
; Enable timerA with event counter mode
TIMER MODE
Under timer mode ,the timer/counter is increased by one at any rising edge of internal pulse . User can choose
up to 4 types of internal pulse rate by setting IPSB for timerB (IPSA for timerA).
When timer/counter counts overflow, An interrupt request will be sent to interrupt control unit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com