Electronic Components Datasheet Search
  English  ▼

X  

EM73983 Datasheet(PDF) 2 Page - ELAN Microelectronics Corp

Part # EM73983
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73983 Datasheet(HTML) 2 Page - ELAN Microelectronics Corp

  EM73983 Datasheet HTML 1Page - ELAN Microelectronics Corp EM73983 Datasheet HTML 2Page - ELAN Microelectronics Corp EM73983 Datasheet HTML 3Page - ELAN Microelectronics Corp EM73983 Datasheet HTML 4Page - ELAN Microelectronics Corp EM73983 Datasheet HTML 5Page - ELAN Microelectronics Corp EM73983 Datasheet HTML 6Page - ELAN Microelectronics Corp EM73983 Datasheet HTML 7Page - ELAN Microelectronics Corp EM73983 Datasheet HTML 8Page - ELAN Microelectronics Corp EM73983 Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
2
* This specification are subject to be changed without notice.
10.31.2000
EM73983
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
Preliminary
Symbol
Pin-type
Function
VDD,VDD2
Power supply (+)
Vss
Power supply (-)
RESET
RESET-A
System reset input signal, low active
mask option :
none
pull-up
CLK
OSC-G
Capacitor connecting pin for internal high frequency oscillator.
LXIN
OSC-B
Crystal connecting pin for low speed clock source.
LXOUT
OSC-B
Crystal connecting pin for low speed clock source.
P0(0..3)/WAKEUP0..3
INPUT-B
4-bit input port with IDLE/STOP releasing function
mask option :
wakeup enable, pull-up
wakeup enable, none
wakeup disable, pull-up
wakeup disable, pull-down
wakeup disable, none
P4(0..3)
I/O-N
4-bit bidirection I/O port with high current source.
mask option :
open-drain
push-pull, high current PMOS
push-pull, low current PMOS
P8.0(INT1)/WAKEUPA
I/O-L
2-bit bidirection I/O port with external interrupt sources input and IDLE
P8.2(INT0)/WAKEUPC
/STOP releasing function
mask option :
wakeup enable, push-pull
wakeup disable, push-pull
wakeup disable, open-drain
P8.1(TRGB)/WAKEUPB I/O-L
2-bit bidirection I/O port with time/counter A,B external input and IDLE
P8.3(TRGA)/WAKEUPD
/STOP releasing function
FUNCTION BLOCK DIAGRAM
Interrupt
Control
Time
Base
Timer/Counter
(TA,TB)
System Control
Instruction Decoder
Instruction Register
ROM
PC
Reset
Control
Clock
Generator
Timing
Generator
Clock Mode
Control
Data pointer
ACC
ALU
Flag
ZC
S
Stack pointer
Stack
RAM
HR
LR
I/O Control
P0.0/WAKEUP0
P0.1/WAKEUP1
P0.2/WAKEUP2
P0.3/WAKEUP3
RESET
CLK
LXOUT
Speech
synthesizer
LCD Driver
V1~V5
VA,VB
LXIN
PIN DESCRIPTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com