Electronic Components Datasheet Search
  English  ▼

X  

EM73P461 Datasheet(PDF) 23 Page - ELAN Microelectronics Corp

Part # EM73P461
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73P461 Datasheet(HTML) 23 Page - ELAN Microelectronics Corp

Back Button EM73P461 Datasheet HTML 19Page - ELAN Microelectronics Corp EM73P461 Datasheet HTML 20Page - ELAN Microelectronics Corp EM73P461 Datasheet HTML 21Page - ELAN Microelectronics Corp EM73P461 Datasheet HTML 22Page - ELAN Microelectronics Corp EM73P461 Datasheet HTML 23Page - ELAN Microelectronics Corp EM73P461 Datasheet HTML 24Page - ELAN Microelectronics Corp EM73P461 Datasheet HTML 25Page - ELAN Microelectronics Corp EM73P461 Datasheet HTML 26Page - ELAN Microelectronics Corp EM73P461 Datasheet HTML 27Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
23
* This specification are subject to be changed without notice.
EM73P461A
EM73P461A
EM73P461A
EM73P461A
EM73P461A
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
12.27.2001
Preliminary
Preliminary
Preliminary
Preliminary
Preliminary
LCD DRIVER
LCD DRIVER
LCD DRIVER
LCD DRIVER
LCD DRIVER
EM73P461A can directly drive the liquid crystal display (LCD) and has 32 segment, 4 common output pins (1/
2 bias, 1/3 bias). There are total 32x4 dots can be display. The V1, V2, V3, VA, VB, VDD and VSS pins are
the LCD bias generator.
CONTROL OF LCD DRIVER
CONTROL OF LCD DRIVER
CONTROL OF LCD DRIVER
CONTROL OF LCD DRIVER
CONTROL OF LCD DRIVER
The LCD driver control command register is P27. When LDC is 0, the LCD is disabled, the COM and SEG
pins are VSS. When LDC is 1, the LCD driver enables.
When the CPU is reseted or during the STOP operation mode, the LCD driver is disabled.
Port27
2
1
0
Initial value : 0000
LDC
DUTY
LDC
LCD display control
DUTY
Driving method select
0
LCD display disable
0 0 0
1/4 duty (1/3 bias)
1
LCD display enable
0 0 1
1/4 duty (1/2 bias)
0 1 0
1/3 duty (1/3 bias)
0 1 1
1/3 duty (1/2 bias)
1 0 0
1/2 duty (1/2 bias)
1 0 1
Static
1 1 *
Reserved
The LCD display data is stored in the display data area of the data memory (RAM).
The display data area begins with address 20H during reset. The LCD display data area ia as below :
Interrupt controller:
IL0-IL5
: Interrupt latch. Hold all interrupt requests from all interrupt sources. ILr can not be
set by program, but can be reset by program or system reset, so IL only can decide
which interrupt source can be accepted.
MASK0-MASK3
: Except INT0, MASK register can promit or inhibit all interrupt sources.
EI
: Enable interrupt Flip-Flop can promit or inhibit all interrupt sources, when inter-
rupt happened, EI is cleared to "0" automatically, after RTI instruction happened,
EI will be set to "1" again.
Priority checker
: Check interrupt priority when multiple interrupts happened.
INTERRUPT FUNCTION
INTERRUPT FUNCTION
INTERRUPT FUNCTION
INTERRUPT FUNCTION
INTERRUPT FUNCTION
The procedure of interrupt operation:
1. Push PC and all flags to stack.
2. Set interrupt entry address into PC.
3. Set SF= 1.
4. Clear EI to inhibit other interrupts happened.
5. Clear the IL for which interrupt source has already be accepted.
6. To excute interrupt subroutine from the interrupt entry address.
7. CPU accept RTI, restore PC and flags from stack. Set EI to accept other interrupt requests.
PROGRAM EXAMPLE: To enable interrupt of "INT0, TRGA"
LDIA #1100B;
EXAE; set mask register "1100B"
EICIL 111111B ; enable interrupt F.F.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com