Electronic Components Datasheet Search
  English  ▼

X  

BC807 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BC807
Description  45 V, 500 mA PNP general-purpose transistors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC807 Datasheet(HTML) 5 Page - NXP Semiconductors

  BC807 Datasheet HTML 1Page - NXP Semiconductors BC807 Datasheet HTML 2Page - NXP Semiconductors BC807 Datasheet HTML 3Page - NXP Semiconductors BC807 Datasheet HTML 4Page - NXP Semiconductors BC807 Datasheet HTML 5Page - NXP Semiconductors BC807 Datasheet HTML 6Page - NXP Semiconductors BC807 Datasheet HTML 7Page - NXP Semiconductors BC807 Datasheet HTML 8Page - NXP Semiconductors BC807 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
BC807_BC807W_BC327_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 17 November 2009
5 of 19
NXP Semiconductors
BC807; BC807W; BC327
45 V, 500 mA PNP general-purpose transistors
7.
Characteristics
[1]
Pulse test: tp ≤ 300 μs; δ ≤ 0.02.
[2]
VBE decreases by approximately 2 mV/K with increasing temperature.
Table 8.
Characteristics
Tamb = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICBO
collector-base cut-off current
IE = 0 A; VCB = −20 V
-
-
−100
nA
IE = 0 A; VCB = −20 V;
Tj =150 °C
--
−5
μA
IEBO
emitter-base cut-off current
IC = 0 A; VEB = −5 V
-
-
−100
nA
hFE
DC current gain
IC = −100 mA; VCE = −1 V
[1]
BC807; BC807W; BC327
100
-
600
BC807-16; BC807-16W;
BC327-16
100
-
250
BC807-25; BC807-25W;
BC327-25
160
-
400
BC807-40; BC807-40W;
BC327-40
250
-
600
hFE
DC current gain
IC = −500 mA; VCE = −1 V
[1] 40
-
-
VCEsat
collector-emitter saturation
voltage
IC = −500 mA; IB = −50 mA
[1] --
−700
mV
VBE
base-emitter voltage
IC = −500 mA; VCE = −1 V
[2] --
−1.2
V
Cc
collector capacitance
IE = ie = 0 A; VCB = −10 V;
f=1MHz
-5
-
pF
fT
transition frequency
IC = −10 mA; VCE = −5 V;
f=100MHz
80
-
-
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com