Electronic Components Datasheet Search
  English  ▼

X  

BC807 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BC807
Description  45 V, 500 mA PNP general-purpose transistors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC807 Datasheet(HTML) 1 Page - NXP Semiconductors

  BC807 Datasheet HTML 1Page - NXP Semiconductors BC807 Datasheet HTML 2Page - NXP Semiconductors BC807 Datasheet HTML 3Page - NXP Semiconductors BC807 Datasheet HTML 4Page - NXP Semiconductors BC807 Datasheet HTML 5Page - NXP Semiconductors BC807 Datasheet HTML 6Page - NXP Semiconductors BC807 Datasheet HTML 7Page - NXP Semiconductors BC807 Datasheet HTML 8Page - NXP Semiconductors BC807 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1.
Product profile
1.1 General description
PNP general-purpose transistors.
[1]
Also available in SOT54A and SOT54 variant packages (see Section 2).
1.2 Features
High current
Low voltage
1.3 Applications
General-purpose switching and amplification
1.4 Quick reference data
[1]
Pulse test: tp ≤ 300 μs; δ ≤ 0.02.
BC807; BC807W; BC327
45 V, 500 mA PNP general-purpose transistors
Rev. 06 — 17 November 2009
Product data sheet
Table 1.
Product overview
Type number
Package
NPN complement
NXP
JEITA
BC807
SOT23
-
BC817
BC807W
SOT323
SC-70
BC817W
BC327[1]
SOT54 (TO-92)
SC-43A
BC337
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage
open base;
IC =10mA
--
−45
V
IC
collector current (DC)
-
-
−500 mA
ICM
peak collector current
-
-
−1A
hFE
DC current gain
IC = −100 mA;
VCE = −1V
[1]
BC807; BC807W; BC327
100
-
600
BC807-16; BC807-16W; BC327-16
100
-
250
BC807-25; BC807-25W; BC327-25
160
-
400
BC807-40; BC807-40W; BC327-40
250
-
600


Similar Part No. - BC807

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC807 PHILIPS-BC807 Datasheet
47Kb / 8P
PNP general purpose transistor
1999 Apr 08
logo
Transys Electronics
BC807 TRSYS-BC807 Datasheet
303Kb / 2P
PNP SURFACE MOUNT TRANSISTOR
logo
Zetex Semiconductors
BC807 ZETEX-BC807 Datasheet
36Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Siemens Semiconductor G...
BC807 SIEMENS-BC807 Datasheet
131Kb / 5P
PNP Silicon AF Transistors (For general AF applications High collector current High current gain)
logo
Fairchild Semiconductor
BC807 FAIRCHILD-BC807 Datasheet
72Kb / 6P
Switching and Amplifier Applications
More results

Similar Description - BC807

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC807 NXP-BC807 Datasheet
242Kb / 19P
45 V, 500 mA PNP general-purpose transistors
Rev. 06-17 November 2009
BC807-40.215 NXP-BC807-40.215 Datasheet
242Kb / 19P
45 V, 500 mA PNP general-purpose transistors
Rev. 06-17 November 2009
logo
Nexperia B.V. All right...
BC807-25QA NEXPERIA-BC807-25QA Datasheet
898Kb / 15P
45 V, 500 mA PNP general-purpose transistors
Rev. 1 - 30 August 2013
BC807K NEXPERIA-BC807K Datasheet
349Kb / 24P
45 V, 500 mA PNP general-purpose transistors
BC807-Q_SER NEXPERIA-BC807-Q_SER Datasheet
302Kb / 13P
45 V, 500 mA PNP general-purpose transistors
Rev. 1 - 4 June 2021
BC807QB-Q_SER NEXPERIA-BC807QB-Q_SER Datasheet
329Kb / 14P
45 V, 500 mA PNP general-purpose transistors
Rev. 2 - 4 May 2021
BC807QCH-Q_SER NEXPERIA-BC807QCH-Q_SER Datasheet
317Kb / 13P
45 V, 500 mA PNP general-purpose transistors
Rev. 1 - 25 January 2022
BC807QC_SER NEXPERIA-BC807QC_SER Datasheet
320Kb / 14P
45 V, 500 mA PNP general-purpose transistors
Rev. 1 - 4 January 2021
BC807W_SER NEXPERIA-BC807W_SER Datasheet
316Kb / 13P
45 V, 500 mA PNP general-purpose transistors
Rev. 8 - 1 July 2022
BC807_SER NEXPERIA-BC807_SER Datasheet
310Kb / 13P
45 V, 500 mA PNP general-purpose transistors
Rev. 8 - 1 July 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com