Electronic Components Datasheet Search
  English  ▼

X  

EM84510DP Datasheet(PDF) 19 Page - ELAN Microelectronics Corp

Part # EM84510DP
Description  PS/2 SCROLLING MOUSE CONTROLLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM84510DP Datasheet(HTML) 19 Page - ELAN Microelectronics Corp

Back Button EM84510DP Datasheet HTML 11Page - ELAN Microelectronics Corp EM84510DP Datasheet HTML 12Page - ELAN Microelectronics Corp EM84510DP Datasheet HTML 13Page - ELAN Microelectronics Corp EM84510DP Datasheet HTML 14Page - ELAN Microelectronics Corp EM84510DP Datasheet HTML 15Page - ELAN Microelectronics Corp EM84510DP Datasheet HTML 16Page - ELAN Microelectronics Corp EM84510DP Datasheet HTML 17Page - ELAN Microelectronics Corp EM84510DP Datasheet HTML 18Page - ELAN Microelectronics Corp EM84510DP Datasheet HTML 19Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
EM84510
PS/2 SCROLLING MOUSE CONTROLLER
19
* This specification are subject to be changed without notice.
5.30.2001
Chip Size : 1780
µm x 1430 µm (EL5750)
Pad No.
Sym.
X
Y
1
ZZ0
-15.9
557.3
1
VDD
-192.3
551.5
2
OSCOUT
-382.4
557.7
3
Z1
-552.5
557.7
4
Z2
-719.1
557.7
5
RTSCK
-702.5
-129.1
6
RXDBDAT
-702.5
-329.8
7
OPT
-705.9
-527.5
8
GND
-457.5
-529.9
8
GND
-255.9
-532.9
8
GND
-135.3
-556.0
8
GND
15.0
-553.7
9
R
178.1
-553.7
10
M
349.6
-553.7
11
L
522.0
-553.7
12
X1
713.5
-549.9
13
X2
713.5
-429.3
14
Y1
710.7
431.1
15
Y2
710.7
557.9
16
OSCR
529.9
557.7
1
ZZ0
1
2
3
4
5
6
7
8
8
8
89
10
11
12
13
14
15
16
(0,0)
EM84510F
VDD
ZZ0
Y2
OSCR
OSCOUT
Z1
Y1
X2
X1
L
M
R
GND
GND
GND
GND
OPT
RXDBDAT
RTSCK
Z2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com