Electronic Components Datasheet Search
  English  ▼

X  

EM84510DP Datasheet(PDF) 1 Page - ELAN Microelectronics Corp

Part # EM84510DP
Description  PS/2 SCROLLING MOUSE CONTROLLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM84510DP Datasheet(HTML) 1 Page - ELAN Microelectronics Corp

  EM84510DP Datasheet HTML 1Page - ELAN Microelectronics Corp EM84510DP Datasheet HTML 2Page - ELAN Microelectronics Corp EM84510DP Datasheet HTML 3Page - ELAN Microelectronics Corp EM84510DP Datasheet HTML 4Page - ELAN Microelectronics Corp EM84510DP Datasheet HTML 5Page - ELAN Microelectronics Corp EM84510DP Datasheet HTML 6Page - ELAN Microelectronics Corp EM84510DP Datasheet HTML 7Page - ELAN Microelectronics Corp EM84510DP Datasheet HTML 8Page - ELAN Microelectronics Corp EM84510DP Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
EM84510
PS/2 SCROLLING MOUSE CONTROLLER
1
* This specification are subject to be changed without notice.
5.30.2001
GENERAL DESCRIPTION
The EM84510 Scrolling Mouse Controller is specially designed to control PS/2 mouse device. This single chip
can interface three key-switches four photo-couples plus z-axis direct to 8042 controller.
EM84510 can receive command and echo status or data format which are compatible with IBM PS/2 mode
mouse.
Key debouncing circuit is provided to prevent false entry and improve the accuracy.
In the traditional mouse, a great number of noises are generated when the grid is partially closed or opened. These
noises are usually mistaken for movement signals by traditional mouse controller and the cursor of the dispaly
screen is thus moved frequently up and down or back and forth. This will consume a great amount of energy.
The EM84510 mouse controller provides noise immunity circuits to eliminat these noise in order to reduce
energy consumption.
FEATURES
• Using 51k
±5% resistor for RC oscillation.
• Compatible with legacy PS/2 mouse.
• Compatible with Microsoft scrolling mouse.
• Built-in noise immunity circuit.
• Built-in current comparator for photo-couples input.
• Built-in three step dynamic input impedance.
• Three key-switches and four photo-couples inputs.
• Six types Z direction input:
1. Photo couples input. (Z/1)
4. Mechanical input. (Z/1)
2. Key-switches input.
5. Photo couples input. (Z/4)
3. Voltage-sensing input.
6. Mechanical input. (Z/2)
• Both key-press and key-release debounce interval 12 ms.
• The sampilng rate of motion detector is about 65KHz.
• Low power dissipation.
• Package type:
EM84510AP : 16DIP, Photo couples input. (Z/1) EM84510DP: 16DIP, Mechanical input. (Z/1)
EM84510BP : 16DIP, Key-switches input.
EM84510EP : 16DIP, Photo couples input. (Z/4)
EM84510CP : 16DIP, Voltage-sensing input.
EM84510FP : 16DIP, Mechanical input. (Z/2)
PIN ASSIGNMENT
VDD
OSC.OUT
Z1
Z2
CLK
DATA
OPT
VSS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
OSCR
Y2
Y1
X2
X1
L
M
R
EM84510A/B/C/D/E/FP


Similar Part No. - EM84510DP

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM84513 EMC-EM84513 Datasheet
485Kb / 24P
Mouse Controller
More results

Similar Description - EM84510DP

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9206 ROHM-BU9206 Datasheet
62Kb / 6P
PS / 2 Mouse Controller
logo
ELAN Microelectronics C...
EM84520 EMC-EM84520 Datasheet
120Kb / 19P
2-IN-ONE SCROLLING MOUSE CONTROLLER
logo
Holtek Semiconductor In...
HT82M39A HOLTEK-HT82M39A Datasheet
105Kb / 10P
3D PS/2 Mouse Controller
August 5, 1999
HT6523 HOLTEK-HT6523 Datasheet
125Kb / 9P
PS/2 Mouse Controller
March 6, 2003
logo
Silan Microelectronics ...
SC84510 SILAN-SC84510 Datasheet
177Kb / 17P
PS/2 SCROLLING MOUSE CONTROLIER
logo
Unisonic Technologies
UT84520 UTC-UT84520 Datasheet
135Kb / 13P
PS/2 SCROLLING MOUSE CONTROLLER
logo
Silan Microelectronics ...
SC84502AP SILAN-SC84502AP Datasheet
143Kb / 14P
PS/2 MOUSE CONTROLLER
logo
Zilog, Inc.
Z86319 ZILOG-Z86319 Datasheet
278Kb / 23P
PS/2 MOUSE CONTROLLER
logo
ELAN Microelectronics C...
EKM8022 EMC-EKM8022 Datasheet
334Kb / 20P
USB & PS/2 Mouse Controller
EKM8025 EMC-EKM8025 Datasheet
609Kb / 17P
USB & PS/2 Mouse Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com