Electronic Components Datasheet Search
  English  ▼

X  

EM84510DP Datasheet(PDF) 6 Page - ELAN Microelectronics Corp

Part # EM84510DP
Description  PS/2 SCROLLING MOUSE CONTROLLER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM84510DP Datasheet(HTML) 6 Page - ELAN Microelectronics Corp

Back Button EM84510DP Datasheet HTML 2Page - ELAN Microelectronics Corp EM84510DP Datasheet HTML 3Page - ELAN Microelectronics Corp EM84510DP Datasheet HTML 4Page - ELAN Microelectronics Corp EM84510DP Datasheet HTML 5Page - ELAN Microelectronics Corp EM84510DP Datasheet HTML 6Page - ELAN Microelectronics Corp EM84510DP Datasheet HTML 7Page - ELAN Microelectronics Corp EM84510DP Datasheet HTML 8Page - ELAN Microelectronics Corp EM84510DP Datasheet HTML 9Page - ELAN Microelectronics Corp EM84510DP Datasheet HTML 10Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
EM84510
PS/2 SCROLLING MOUSE CONTROLLER
6
* This specification are subject to be changed without notice.
5.30.2001
stream mode
2 dots/count
disable
b). Resend ( FE )
i). Any time EM84510 receives an invalid command, it returns a Resend command to the system.
ii). When EM84510 receives a Resend command, it retransmits its last packet of data. If the last packet was
a Resend command, it transmits the packet just prior to the Resend command.
iii). In stream mode, if a Resend command is received by EM84510 immediately following a 3-byte data
packet transmission to the system.
c). Set Default ( F6 )
The command reinitializes all conditions to the power-on defaults.
d). Disable ( F5 )
This command is used in the stream mode to stop transmissions from EM84510.
e). Enable ( F4 )
Begins transmissions, if in stream mode.
f). Set Sampling Rate ( F3,XX )
In the stream mode, this command sets the sampling rate to the value indicated by byte hex XX,
shown in following:
Second byte XX
Sample Rate
0A
10/sec
14
20/sec
28
40/sec
3C
60/sec
50
80/sec
64
100/sec
C8
200/sec
g). Read Device Type ( F2 )
EM84510 always echoes “ FA,00 “ following this command.
h). Set Remote Mode ( F0 )
Data value are reported only in response to a Read Data command.
i). Set Wrap Mode ( EE )
Wrap mode remains until Reset ( FF ) or Reset Wrap Mode( EC ) is received.
j). Reset Wrap Mode ( EC )
EM84510 returns to the previous mode of operation after receiving this command.
k). Read Data ( EB )
This command is executed in either remote or stream mode. The data is transmitted even if there has been
no movement since the last report or the button status is unchanged. Following a Read Data command,
the registers are cleared after a data transmission.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com