Electronic Components Datasheet Search
  English  ▼

X  

EM78P458 Datasheet(PDF) 41 Page - ELAN Microelectronics Corp

Part # EM78P458
Description  8-BIT MICRO-CONTROLLER
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P458 Datasheet(HTML) 41 Page - ELAN Microelectronics Corp

Back Button EM78P458 Datasheet HTML 37Page - ELAN Microelectronics Corp EM78P458 Datasheet HTML 38Page - ELAN Microelectronics Corp EM78P458 Datasheet HTML 39Page - ELAN Microelectronics Corp EM78P458 Datasheet HTML 40Page - ELAN Microelectronics Corp EM78P458 Datasheet HTML 41Page - ELAN Microelectronics Corp EM78P458 Datasheet HTML 42Page - ELAN Microelectronics Corp EM78P458 Datasheet HTML 43Page - ELAN Microelectronics Corp EM78P458 Datasheet HTML 44Page - ELAN Microelectronics Corp EM78P458 Datasheet HTML 45Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 76 page
background image
EM78P458/459
OTP ROM
3. Programming the Related Registers
When defining TMRX, refer to the related registers of its operation as shown in Table 9.It must be
noted that the PWMX bits must be disabled if their related TMRXs are employed. That is, bit 7 and bit
6 of the PWMCON register must be set to ‘0’.
Table 10 Related Control Registers of TMR1 and TMR2
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
IOC51
PWMCON/IOC51
PWM2E
PWM1E T2EN T1EN
T2P1 T2P0
T1P1 T1P0
4. Timer programming procedures/steps
(1) Load PRDX with the TIMER period.
(2) Enable interrupt function by writing IOCF0, if required
(3) Load a desired value to PWMCON with the TMRX prescaler value and enable both TMRX and
disable PWMX.
4.10 Comparator
EM78P458/459 has one comparator, which has two analog inputs and one output. The comparator
can be employed to wake up from the sleep mode. Fig. 16 shows the circuit of the comparator.
+
-
Cin-
Cin+
CO
CMP
Fig. 16 Comparator Operating Mode
1. External Reference Signal
The analog signal that is presented at Cin- compares to the signal at Cin+, and the digital output (CO)
of the comparator is adjusted accordingly.
• The reference signal must be between Vss and Vdd.
• The reference voltage can be applied to either pi of comparator.
• Threshold detector applications may be of the same reference.
• The comparator can operate from the same or different reference source.
2. Comparator Outputs
• The compared result is stored in the CMPOUT of R3.
• The comparator outputs is output to P57 by programming bit5<COE> of the AD-CMPCON register
to 1.
This specification is subject to change without prior notice.
06.25.2004 (V1.4)
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com