Electronic Components Datasheet Search
  English  ▼

X  

EM78P458 Datasheet(PDF) 8 Page - ELAN Microelectronics Corp

Part # EM78P458
Description  8-BIT MICRO-CONTROLLER
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P458 Datasheet(HTML) 8 Page - ELAN Microelectronics Corp

Back Button EM78P458 Datasheet HTML 4Page - ELAN Microelectronics Corp EM78P458 Datasheet HTML 5Page - ELAN Microelectronics Corp EM78P458 Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P458 Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P458 Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P458 Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P458 Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P458 Datasheet HTML 11Page - ELAN Microelectronics Corp EM78P458 Datasheet HTML 12Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 76 page
background image
EM78P458/459
OTP ROM
4. FUNCTION DESCRIPTION
DATA & CONTROL BUS
IOC5
R5
P
5
0
P
5
1
P
5
2
P
5
3
P
5
4
P
5
5
P
5
6
P
5
7
Comparators
8 ADC
2 PWMs
IOC6
R6
P
6
0
P
6
1
P
6
2
P
6
3
P
6
4
P
6
5
P
6
6
P
6
7
ACC
R3
STACK 0
STACK 1
STACK 2
STACK 3
STACK 4
P C
ROM
Instruction
Register
Instruction
Decoder
ALU
Interrupt
Control
/INT
R4
RAM
WDT Timer
Prescaler
Oscillator/
Timming
Control
WDT
Time-out
R1(TCC)
Sleep
&
Wake Up
Control
ENTCC
STACK 5
STACK 6
STACK 7
Fig. 2 The Functional Block Diagram of EM78P458/459
4.1 Operational Registers
1. R0 (Indirect Addressing Register)
R0 is not a physically implemented register. Its major function is to perform as an indirect addressing
pointer. Any instruction using R0 as a pointer, actually accesses data pointed by the RAM Select
Register (R4).
2. R1 (Time Clock /Counter)
• Increased by an external signal edge through the TCC pin, or by the instruction cycle clock.
• The signals to increase the counter are decided by Bit 4 and Bit 5 of the CONT register.
• Writable and readable as any other registers.
3. R2 (Program Counter) & Stack
• R2 and hardware stacks are 12-bit wide. The structure is depicted in Fig. 4.
• Generates 4K
×13 bits on-chip ROM addresses to the relative programming instruction codes. One
program page is 1024 words long.
• The contents of R2 are set to all "0"s upon a RESET condition.
This specification is subject to change without prior notice.
06.25.2004 (V1.4)
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com