Electronic Components Datasheet Search
  English  ▼

X  

EM78P458 Datasheet(PDF) 10 Page - ELAN Microelectronics Corp

Part # EM78P458
Description  8-BIT MICRO-CONTROLLER
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P458 Datasheet(HTML) 10 Page - ELAN Microelectronics Corp

Back Button EM78P458 Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P458 Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P458 Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P458 Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P458 Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P458 Datasheet HTML 11Page - ELAN Microelectronics Corp EM78P458 Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P458 Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P458 Datasheet HTML 14Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 76 page
background image
EM78P458/459
OTP ROM
Address
PAGE registers
IOC PAGE registers
IOC PAGE registers
00
R0
(IAR)
Reserve
Reserve
01
R1
(TCC)
Reserve
Reserve
02
R2
(PC)
Reserve
Reserve
03
R3
(Status)
Reserve
Reserve
04
R4
RSR)
Reserve
Reserve
05
R5
(Port5)
IOC50
(I/O Port Control Register)
IOC51
(PWMCON)
06
R6
(Port6)
IOC60
(I/O Port Control Register)
IOC61
(DT1L)
07
R7
General Registers
Reserve
IOC71
(DT1H)
08
R8
General Registers
Reserve
IOC81
(PRD1)
09
R9
(ADCON)
IOC90
(GCON)
IOC91
(DT2L)
0A
RA
(ADDATA)
IOCA0
(AD-CMPCON)
IOCA1
(DT2H)
0B
RB
General Registers
IOCB0
(Pull-down Control Register) IOCB1 (PRD2)
0C
RC
General Registers
(Only two bits)
IOCC0
(Open-drain Control Register) IOCC1 (DL1L)
0D
RD
General Registers
IOCD0
(Pull-high Control Register)
IOCD1
(DL1H)
0E
RE
General Registers
(Only two bits)
IOCE0
(WDT Control Register)
IOCE1
(DL2L)
0F
RF
(Interrupt status)
IOCF0
(Interrupt Mask Register)
IOCF1
(DL2H)
10
︰
1F
General Registers
20
︰
3F
Bank 0
Bank 1
Fig. 4 Data Memory Configuration
This specification is subject to change without prior notice.
06.25.2004 (V1.4)
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com