Electronic Components Datasheet Search
  English  ▼

X  

PBL38582/2SOS Datasheet(PDF) 7 Page - Ericsson

Part # PBL38582/2SOS
Description  Telephone Line interface circuit for DECT, DAM, CT Unisolated or Isolated
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PBL38582/2SOS Datasheet(HTML) 7 Page - Ericsson

  PBL38582/2SOS Datasheet HTML 1Page - Ericsson PBL38582/2SOS Datasheet HTML 2Page - Ericsson PBL38582/2SOS Datasheet HTML 3Page - Ericsson PBL38582/2SOS Datasheet HTML 4Page - Ericsson PBL38582/2SOS Datasheet HTML 5Page - Ericsson PBL38582/2SOS Datasheet HTML 6Page - Ericsson PBL38582/2SOS Datasheet HTML 7Page - Ericsson PBL38582/2SOS Datasheet HTML 8Page - Ericsson PBL38582/2SOS Datasheet HTML 9Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
PBL 385 82
Battery feed
R13
R14
R6
Regulation:
48V, 2 • 200
Ω
∞
∞
47
Ω
48V, 2 • 400
Ω
∞
∞
75
Ω
48V, 2 • 800
Ω
∞
180k
100
Ω
No regulation:
Set for low gain
All feedings
∞
<22k
47 - 100
Ω
Set for high gain
18k
∞
47
Ω
Set for high gain
22k
∞
75 - 100
Ω
Figure 9. Gain regulation principle.
where no balancing has been done is in
the order of 6 - 12 dB.
To understand that the side tone is
influenced by other factors like, the
impedance of the line and the signal that
enters the ear acoustically directly from the
mouth and from the mouth through the
material in the handset. The signal that
enters the microphone from the earphone
acoustically will also influence the return
loss factor to the telephone line.
To understand that the side tone network
can be trimmed to form a veritable
”distortion analyser”, so that the distortion
that is present from the microphone, will be
the only signal entering the earphone and
this signal even being small will sound very
bad. It is better to induce some of the
fundamental frequency back by making
the balance less perfect at that frequency.
This is valid for a network that is trimmed to
only one frequency. It is to strive to trim the
network such that it will attenuate the fun-
damental and the harmonic frequencies
alike throughout the different line
combinations.
To understand that if one of the two
signals entering
the balancing system
from either direction,
direct from
microphone or via the line, is clipped, will
result in a very distorted signal entering the
receiver amplifier and thus the earphone.
Further , to remember that side tone is a
small signal that is the difference of two
large signals and that the amplitude of the
distortion can be up to
ten times the
amplitude of the fundamental frequency.
Figure 10. The side tone suppression principle.
A short guidance for under-
standing
the
side
tone
principle. (See fig. 10.)
Assuming the line impedance to be 600
Ω.
( theorethical value )
Z1 = Line impedance
Z2 = The telephone set impedance 600
Ω
Z1//Z2 = 300
Ω
R6 will have a certain value 39 - 100
Ω to
give the telephone a specified DC-
characteristic and overcurrent protection.
Assuming that
this DC-characteristic
requires R6=60
Ω, hence it will be 1/5 of
the Z1//Z2. This will in transmitting mode
result that 1/5 of the ac-signal that is on the
line to appear across R6.
What is balancing the side
tone?
To understand that side tone balancing
is to counteract
the signal, that is
transmitted via the microphone and trans-
mitter to the line, returning to the earphone
via the receiver.
That presence of a strong side tone
signal is disturbing in a way that one quite
instictively lowers ones own voice level
thus lowering the signal level for the other
party. But again, if the balance is too good
(seldom the case) the earphone will feel
”dead”. In practical terms what is expected
is the same amplitude of ones own voice
in the ear as when not talking in a telephone.
The need to lower the side tone level
Z1
Z2
PBL 385 82
Tx
Rx
a).
b).
c).
Zbal
Line side
Telephone
set side
1
2
15
18
R6
R7
R9
C5
R10
R12
R11
C4
R8
17
}
dB
I
L
High limit
Low limit
a.
b.
c.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com