Electronic Components Datasheet Search
  English  ▼

X  

PBL38582/2SOS Datasheet(PDF) 1 Page - Ericsson

Part # PBL38582/2SOS
Description  Telephone Line interface circuit for DECT, DAM, CT Unisolated or Isolated
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PBL38582/2SOS Datasheet(HTML) 1 Page - Ericsson

  PBL38582/2SOS Datasheet HTML 1Page - Ericsson PBL38582/2SOS Datasheet HTML 2Page - Ericsson PBL38582/2SOS Datasheet HTML 3Page - Ericsson PBL38582/2SOS Datasheet HTML 4Page - Ericsson PBL38582/2SOS Datasheet HTML 5Page - Ericsson PBL38582/2SOS Datasheet HTML 6Page - Ericsson PBL38582/2SOS Datasheet HTML 7Page - Ericsson PBL38582/2SOS Datasheet HTML 8Page - Ericsson PBL38582/2SOS Datasheet HTML 9Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
PBL 385 82
PBL 38582
Telephone Line interface circuit for
DECT, DAM, CT
Unisolated or Isolated
Description
PBL 38582 is a monolithic bipolar integrated circuit for use as telephone line interface in
unisolated or isolated DECT and other cordless telephone residential base stations and
in analog / digital answering machines or as second line in an unisolated DECT telephone
base station.
Transmit and receive gains are set by external components. On / Off switchable gain,
related to line, regulation for different current feeds can be set by external resistors.
Typical current feeds as 48 V, 2 • 200 ohm, 48 V 2 • 400 ohm and 60 V 2 • 600 ohm can
be handled. Application dependent parameters such as line balance, impedance to the
line and frequency response are set by external components. Parameters are set
independently which results in an easy adoption for various market needs.
Key Features
•
Minimum number of inexpensive
external components, 5 capacitors
and 4 resistors.
•
Current range
5 - 130 mA(DIL),
5 - 100 mA(20-pin SO)
5 - 70 mA(16-pin SO) 385 82/2
•
Operation voltage range
down to 2 V.
•
Short start-up time.
Figure 1. Functional diagram. DIP package.
18-pin plastic DIP
3
1
4
+
2
Telephone
line
1
2
14,16
15
18
17
RECEIVE
TRANSMIT
PBL 38582
Reference
Limiter
DC
supply
Fast start - up
6
5,
20-pin plastic SO
16-pin plastic SO
December 1999


Similar Part No. - PBL38582/2SOS

ManufacturerPart #DatasheetDescription
logo
Ericsson
PBL3852 ERICSSON-PBL3852 Datasheet
404Kb / 24P
Universal Transmission Circuit
PBL3853 ERICSSON-PBL3853 Datasheet
256Kb / 16P
Universal Speech Circuit
PBL3853N ERICSSON-PBL3853N Datasheet
256Kb / 16P
Universal Speech Circuit
PBL3853SO ERICSSON-PBL3853SO Datasheet
256Kb / 16P
Universal Speech Circuit
PBL3853SO-T ERICSSON-PBL3853SO-T Datasheet
256Kb / 16P
Universal Speech Circuit
More results

Similar Description - PBL38582/2SOS

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TCA3388 MOTOROLA-TCA3388 Datasheet
274Kb / 16P
TELEPHONE LINE INTERFACE
logo
NXP Semiconductors
UBA1706 PHILIPS-UBA1706 Datasheet
197Kb / 28P
Cordless telephone line interface
1999 Jun 04
logo
ams AG
AS2522B AMSCO-AS2522B Datasheet
365Kb / 19P
Telephone Line Interface and Speakerphone Circuit
AS2523 AMSCO-AS2523 Datasheet
340Kb / 19P
Telephone Line Interface and Speakerphone Circuit
AS2523 AMSCO-AS2523_1 Datasheet
499Kb / 19P
Telephone Line Interface and Speakerphone Circuit
logo
Motorola, Inc
MC33215 MOTOROLA-MC33215 Datasheet
490Kb / 20P
Telephone Line Interface and Speakerphone Circuit
logo
Freescale Semiconductor...
MC33215BE FREESCALE-MC33215BE Datasheet
490Kb / 20P
Telephone Line Interface and Speakerphone Circuit
logo
ams AG
AS2522B AMSCO-AS2522B_03 Datasheet
1Mb / 20P
Telephone Line Interface and Speakerphone Circuit
AS2523 AMSCO-AS2523_13 Datasheet
941Kb / 20P
Telephone Line Interface and Speakerphone Circuit
logo
Motorola, Inc
MC34216 MOTOROLA-MC34216 Datasheet
145Kb / 5P
PROGRAMMABLE TELEPHONE LINE INTERFACE CIRCUIT WITH LOUDSPEAKER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com