Electronic Components Datasheet Search
  English  ▼

X  

PBL38582/2SOS Datasheet(PDF) 8 Page - Ericsson

Part # PBL38582/2SOS
Description  Telephone Line interface circuit for DECT, DAM, CT Unisolated or Isolated
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PBL38582/2SOS Datasheet(HTML) 8 Page - Ericsson

  PBL38582/2SOS Datasheet HTML 1Page - Ericsson PBL38582/2SOS Datasheet HTML 2Page - Ericsson PBL38582/2SOS Datasheet HTML 3Page - Ericsson PBL38582/2SOS Datasheet HTML 4Page - Ericsson PBL38582/2SOS Datasheet HTML 5Page - Ericsson PBL38582/2SOS Datasheet HTML 6Page - Ericsson PBL38582/2SOS Datasheet HTML 7Page - Ericsson PBL38582/2SOS Datasheet HTML 8Page - Ericsson PBL38582/2SOS Datasheet HTML 9Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
PBL 385 82
Figure 11. Fast startup function.
internal current consumption ( about 1
mA). Care must be taken when connecting
external load to pin 4 in order not to exeed
the
≈ 700 µA limit. Should this happen, it
would
result in an inoperative speech
funktion. This circuit can not retrigger before
the voltage level at C1 drops below 2V or
the line voltage is below 1V. See fig. 10.
Note that the signals at points a. and b. are
180 degrees off phase.
10 x R6
≈ R7 + Zbal
Note #1
R7
≈ Zbal
Note#2
The ac-signal at point c. is now 1/10 of the
signal on the line because it is further
divided by two from point b. (R7
≈Zbal).
Hence 10 x R1
≈ R2 to satisfy the balancing
criteria. R12 is to set the receiver gain. (
can also be a volume control potentio-
meter).
Note #1 These values ensure that the
frequency behaviour of the transmitter is
not influenced. With the
ratio 1/10 the
influence is 1 dB, and with ratio 1/20 it´s 0.5
dB.
Note #2
If the R7 is made low ohmic
compared with Zbal, it will load the latter
and
result
in
a
bad
side
tone
perfomannce, again if the R7 is made high
ohmic compared with Zbal will result in a
low signal to balance the side tone with and
make the balancing difficult. Making any of
the impedances unnecessary high will
make the circuit sensitive to RFI. All values
given here are approximate and serve as
starting entities only. The
final trimming
of side tone network is a cut and try propo-
sition because a part of the balance lies
in the acoustical path between the
microphone and earphone.
Start up circuit
The circuit contains a start up device
which function is to fast charge capacitor
C1 when the circuit goes into hook- off
condition. The fast charge circuit is a
thyristor function between pins 1 and 4 that
will stop conducting when the current
drainat pin 4 is lower than
≈ 700 µA + the
3
1
4
+
2
Telephone
line
1
2
14,16
15
18
17
RECEIVE
TRANSMIT
C7
1mF
C3
0.1mF
R6
75W
>0.5W
R1 6.2k
R2 62k
C4
47nF
68 mF
910 W
C2 15nF
D1
D2
D3
D4
D5
PBL 38582
Reference
Limiter
DC
supply
Fast start - up
R14
10k
6
2
3
5,
R3
C1
C6
Figure 12. Typical insulated DECT-set line interface. DIP package.
PBL 38 5 82
Tx
1
2
DC supply
+Line
-Line
C1
R3
R6
4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com